Electronic Components Datasheet Search
  English  ▼

X  

ADG794 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG794
Description  Low Voltage, 300 MHz Quad 2:1 Mux Analog HDTV Audio/Video Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG794 Datasheet(HTML) 4 Page - Analog Devices

  ADG794 Datasheet HTML 1Page - Analog Devices ADG794 Datasheet HTML 2Page - Analog Devices ADG794 Datasheet HTML 3Page - Analog Devices ADG794 Datasheet HTML 4Page - Analog Devices ADG794 Datasheet HTML 5Page - Analog Devices ADG794 Datasheet HTML 6Page - Analog Devices ADG794 Datasheet HTML 7Page - Analog Devices ADG794 Datasheet HTML 8Page - Analog Devices ADG794 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADG794
Rev. 0 | Page 4 of 12
VDD = 3 V ± 10%, GND = 0 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
B Version1
Parameter
25°C
TMIN to TMAX
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to 1.5
V
On Resistance (RON)
7
Ω typ
VD = 0 V to 1 V; IS = −10 mA; Figure 6
9.5
11
Ω max
On Resistance Match between Channels (
∆RON)
0.3
Ω typ
VD = 0 V to 1 V; IS = −10 mA
0.9
Ω max
On Resistance Flatness (RFLAT(ON))
2.6
Ω typ
VD = 0 V to 1 V; IS = −10 mA
5
Ω max
LEAKAGE CURRENTS
Source Off Leakage, IS (Off)
±0.001
nA typ
VS = 2 V/1 V; VD = 1 V/2 V; Figure 7
Drain Off Leakage, ID (Off)
±0.001
nA typ
VS = 2 V/1 V; VD = 1 V/2 V; Figure 7
Channel On Leakage, ID, IS (On)
±0.001
nA typ
VD = VS = 2 V/1 V; Figure 8
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.4
V max
Input Current
IINL or IINH
0.001
µA typ
VIN = VINL or VINH
±0.1
µA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS2
tON, tON (EN)
8
ns typ
CL = 35 pF; RL = 50 Ω
16
ns max
VS = 1.5 V; Figure 9
tOFF, tOFF (EN)
6
ns typ
CL = 35 pF; RL = 50 Ω
10
ns max
VS = 1.5 V; Figure 9
Break-Before-Make Time Delay, tD
3
ns typ
CL = 35 pF; RL = 50 Ω
1
ns min
VS1 = VS2 = 1.5 V; Figure 10
Off Isolation
−65
dB typ
f = 10 MHz; RL = 50 Ω; Figure 12
Channel-to-Channel Crosstalk
−70
dB typ
f = 10 MHz; RL = 50 Ω; Figure 13
Bandwidth −3 dB
300
MHz typ
RL = 50 Ω; Figure 11
Distortion
2.6
% typ
RL = 100 Ω
Charge Injection
4
pC typ
CL = 1 nF; VS = 0 V; Figure 14
CS (Off)
6
pF typ
CD (Off)
7.5
pF typ
CD, CS (On)
13.5
pF typ
POWER REQUIREMENTS
VDD = 3.3 V; digital inputs = 0 V or VDD
IDD
0.001
µA typ
1
µA max
1 Temperature range for B Version is −40°C to +85°C.
2 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com