Electronic Components Datasheet Search
  English  ▼

X  

ADG1204 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG1204
Description  2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1204 Datasheet(HTML) 1 Page - Analog Devices

  ADG1204 Datasheet HTML 1Page - Analog Devices ADG1204 Datasheet HTML 2Page - Analog Devices ADG1204 Datasheet HTML 3Page - Analog Devices ADG1204 Datasheet HTML 4Page - Analog Devices ADG1204 Datasheet HTML 5Page - Analog Devices ADG1204 Datasheet HTML 6Page - Analog Devices ADG1204 Datasheet HTML 7Page - Analog Devices ADG1204 Datasheet HTML 8Page - Analog Devices ADG1204 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2 pF Off Capacitance, 1 pC Charge Injection,
±15 V/12 V 4:1 iCMOS™ Multiplexer
Preliminary Technical Data
ADG1204
Rev. PrD
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
2 pF off capacitance
1 pC charge injection
33 V supply range
120 Ω on resistance
Fully specified at +12 V, ±15 V
No VL supply required
3 V logic-compatible inputs
Rail-to-rail operation
14-lead TSSOP and 12-lead LFCSP
Typical power consumption: <0.03 µW
APPLICATIONS
Automatic test equipment
Data aquisition systems
Battery-powered systems
Sample-and-hold systems
Audio signal routing
Communication systems
FUNCTIONAL BLOCK DIAGRAM
ADG1204
S2
S1
D
S4
S3
EN
A1
A0
1 OF 4
DECODER
Figure 1.
GENERAL DESCRIPTION
The ADG1204 is a CMOS analog multiplexer, comprising four
single channels designed on an iCMOS process. iCMOS
(industrial-CMOS) is a modular manufacturing process that
combines high voltage CMOS (complementary metal-oxide
semiconductor) and bipolar technologies. It enables the
development of a wide range of high performance analog ICs
capable of 30-V operation in a footprint that no other genera-
tion of high voltage parts has been able to achieve. Unlike
analog ICs using conventional CMOS processes, iCMOS
components can tolerate high supply voltages, while providing
increased performance, dramatically lower power consumption,
and reduced package size.
The ultralow capacitance and charge injection of these switches
make them ideal solutions for data acquisition and sample-and-
hold applications, where low glitch and fast settling are required.
Fast switching speed coupled with high signal bandwidth make
the parts suitable for video signal switching. iCMOS construc-
tion ensures ultralow power dissipation, making the parts
ideally suited for portable and battery powered instruments.
The ADG1204 switches one of four inputs to a common output,
D, as determined by the 3-bit binary address lines, A0, A1, and
EN. Logic 0 on the EN pin disables the device. Each switch
conducts equally well in both directions when on, and has an
input signal range that extends to the supplies. In the off condi-
tion, signal levels up to the supplies are blocked. All switches
exhibit break-before-make switching action. Inherent in the
design is low charge injection for minimum transients when
switching the digital inputs.
PRODUCT HIGHLIGHTS
1.
2 pF off capacitance (±15 V supply).
2.
1 pC charge injection.
3.
3 V logic-compatible digital inputs:
VIH = 2.0 V, VIL = 0.8 V
4.
No VL logic power supply required.
5.
Ultralow power dissipation: <0.03 µW.
6.
14-lead TSSOP and 12-lead 3 mm × 3 mm LFCSP package.


Similar Part No. - ADG1204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1204 AD-ADG1204 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection
REV. B
ADG1204YCPZ-500RL7 AD-ADG1204YCPZ-500RL7 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1204YCPZ-REEL7 AD-ADG1204YCPZ-REEL7 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1204YRUZ AD-ADG1204YRUZ Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1204YRUZ-REEL AD-ADG1204YRUZ-REEL Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
More results

Similar Description - ADG1204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Nov-2004
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Nov-2004
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com