Electronic Components Datasheet Search
  English  ▼

X  

ATT605 Datasheet(PDF) 4 Page - Power Semiconductors

Part # ATT605
Description  PHASE CONTROL MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ATT605 Datasheet(HTML) 4 Page - Power Semiconductors

  ATT605 Datasheet HTML 1Page - Power Semiconductors ATT605 Datasheet HTML 2Page - Power Semiconductors ATT605 Datasheet HTML 3Page - Power Semiconductors ATT605 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ATT605 PHASE CONTROL MODULE
FINAL SPECIFICATION
apr 17 - ISSUE : 02
Distributed by
0
500
1000
1500
2000
2500
0,5
0,8
1,1
1,4
On-State Voltage [V]
ON-STATE CHARACTERISTIC
Tj = 140 °C
0
10
20
30
40
50
60
70
80
0,001
0,01
0,1
1
10
100
t[s]
TRANSIENT THERMAL IMPEDANCE
0
2
4
6
8
10
12
14
16
18
1
10
100
n° cycles
SURGE CHARACTERISTIC
Tj = 140 °C
All the characteristics given in this data sheet are guaranteed only with uniform clamping force,
cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 µm.
In the interest of product improvement POSEICO SpA reserves the right to change any data
given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded background) and
characteristics is reported.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com