Electronic Components Datasheet Search
  English  ▼

X  

AZD930 Datasheet(PDF) 4 Page - Power Semiconductors

Part # AZD930
Description  RECTIFIER DIODES MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AZD930 Datasheet(HTML) 4 Page - Power Semiconductors

  AZD930 Datasheet HTML 1Page - Power Semiconductors AZD930 Datasheet HTML 2Page - Power Semiconductors AZD930 Datasheet HTML 3Page - Power Semiconductors AZD930 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AZD930 RECTIFIER DIODES MODULE
FINAL SPECIFICATION
Apr. 17 - Issue: 1
Distributed by
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
0,5
1
1,5
2
On- State Voltage [V]
ON-STATE CHARACTERISTIC
Tj = 150 °C
0
5
10
15
20
25
30
35
40
45
0,001
0,01
0,1
1
10
100
t[s]
TRANSIENT THERMAL IMPEDANCE
0
2
4
6
8
10
12
14
16
18
20
1
10
100
n° cycles
SURGE CHARACTERISTIC
Tj = 150 °C
All the characteristics given in this data sheet are guaranteed only with uniform clamping
force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2
µm.
In the interest of product improvement POSEICO SpA reserves the right to change any data
given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded background)
and characteristics is reported.
1
2
104
Ø13
80
Ø6.5
177
70
124
6
6
146
136



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com