Electronic Components Datasheet Search
  English  ▼

X  

AT43USB380 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT43USB380
Description  On-The-Go Upgrade of the AT43USB370 USB 2.0 Full-Speed Host/Function Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB380 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT43USB380 Datasheet HTML 1Page - ATMEL Corporation AT43USB380 Datasheet HTML 2Page - ATMEL Corporation AT43USB380 Datasheet HTML 3Page - ATMEL Corporation AT43USB380 Datasheet HTML 4Page - ATMEL Corporation AT43USB380 Datasheet HTML 5Page - ATMEL Corporation AT43USB380 Datasheet HTML 6Page - ATMEL Corporation AT43USB380 Datasheet HTML 7Page - ATMEL Corporation AT43USB380 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AT43USB380 Upgrade Map Summary
3420AS–USB–03/04
USB functionality. Communication with the AT43USB380 is achieved through a small
set (less than 25) of high level, ANSI C-compliant APIs. The actual USB protocol includ-
ing HNP and SRP is transparent to the host processor.
AT43USB380 OTG Processor Pin Description
Table 1 gives the description of the pins.
Table 1. Pin Description of the AT43USB380
Signal Name
Dir.
Polarity
Width
Description
System Interface
SYS_CLK
I
1
Host system clock input for synchronization
of WAIT_N and DREQ_N. (Synchronization
requirement can be enable/disable through
internal register settings)
A[7:0]
I
8
System Address Bus
CS_N
I
LO
1
CHIP_SELECT signal from System (ARM
®)
D[15:0]
B
16
System Data Bus [15:0]
D[31:16]/
GPIO[15:0]
B16
BWIDTH[1:0]=1x : System Data Bus [31:16]
BWIDTH[1:0]=0x : GPIO[15:0]
DACK_N
I
LO
1
DMA Acknowledge from System (ARM)
DREQ_N
O
LO
1
DMA Request to System (ARM)
INTR_OUT
O
HI
1
Interrupt to System (ARM)
OE_N
I
LO
1
OUTPUT_ENABLE from System (ARM)
WAIT_N
O
LO
1
WAIT to System (ARM)
WE_N
I
LO
1
WRITE_ENABLE from System (ARM)
BWIDTH[1:0]
I
2
System Data Bus Size:
00 : 8 Bit Interface D[7:0]
01 : 16 Bit Interface D[15:0]
1x : 32 Bit Interface D[31:0]
WAKEUP_N
I
LO
1
Wakeup Request from System
USB Interface
DM
B
1
USB Line (D-)
DP
B
1
USB Line (D+)
ID
I
1
OTG device type identification; used to
differentiate a Mini-A and Mini-B plug
RPU_EN
O
1
Enable resistive pull-up to the D+ line
RPD_EN
O
1
Enable resistive pull-down to the D+/D- lines
Charge Pump Interface
CPClk
O
1
Charge Pump clock output
EN
O
1
Charge Pump; Enable for Charge Pump
PUMP_EN
O
1
Charge Pump; Enable for Charge Pump



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com