Electronic Components Datasheet Search
  English  ▼

X  

SRN2009T-R33M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRN2009T-R33M
Description  Semi-shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN2009T-R33M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN2009T-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRN2009T-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRN2009T-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRN2009T-R33M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Semi-shieldedconstruction
n
Inductancerange:0.33to10µH
n
Ratedcurrentupto2.1A
n
Lowprofile:0.95mmmax.
n
RoHScompliant*andhalogenfree**
SRN2009TSeries-Semi-shieldedPowerInductors
*RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandinthisdocumentaresubjecttospecificlegaldisclaimerssetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Operating Temperature
................................. -40 °C to +125 °C
(Temperature rise included)
Storage Temperature (Component)
................................. -40 °C to +125 °C
Temperature Rise .....40 °C at rated Irms
Rated Current
............ Inductance drops 30 % at Isat
Moisture Sensitivity Level.....................1
ESD Classification (HBM).................N/A
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 1 MHz / 0.1 V
Q
(Typ.)
@ 1 MHz
SRF
(MHz)
Typ.
DCR
(W)
±20 %
Irms
(A)
Typ.
Isat
(A)
Typ.
L (mH) Tol. %
SRN2009T-R33M
0.33
±20
30
400
0.028
2.1
2.1
SRN2009T-R47M
0.47
±20
25
300
0.038
2
2
SRN2009T-R68M
0.68
±20
22
250
0.055
1.5
1.5
SRN2009T-1R0M
1.0
±20
20
200
0.065
1.4
1.4
SRN2009T-1R5M
1.5
±20
18
170
0.11
1.2
1.2
SRN2009T-2R2M
2.2
±20
16
150
0.16
0.9
0.9
SRN2009T-3R3M
3.3
±20
15
120
0.25
0.85
0.85
SRN2009T-4R7M
4.7
±20
15
90
0.4
0.75
0.75
SRN2009T-6R8M
6.8
±20
15
80
0.55
0.65
0.65
SRN2009T-100M
10
±20
15
60
1
0.55
0.6
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Coating .................Magnetic epoxy resin
Packaging....... 2000 pcs. per 7-inch reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
Electrical Schematic
How to Order
SRN2009T - R68M
Model
Value Code (see table)
Applications
n
DC/DCconverters
n
Powersupplies
n
Wearabledevices
n
HDDs,SSDs
n
Smartphones
n
LCDdisplays
1.7
(.067)
REF.
2.0 +0.2/-0.1
(.079 +.008/-.004)
1.6 +0.2/-0.1
(.063 +.008/-.004)
0.7
(.028)
REF.
REF.
0.6
(.024)
REF.
0.8
(.031)
REF.
0.6
(.024)
MAX.
0.95
(.037)
2.3
(.091)
REF.
1.7
(.067)
REF.
2.0 +0.2/-0.1
(.079 +.008/-.004)
1.6 +0.2/-0.1
(.063 +.008/-.004)
0.7
(.028)
REF.
REF.
0.6
(.024)
REF.
0.8
(.031)
REF.
0.6
(.024)
MAX.
0.95
(.037)
2.3
(.091)
REF.
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRN2009T-R33M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN2010 BOURNS-SRN2010 Datasheet
215Kb / 3P
SRN2010 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2010-1R0M BOURNS-SRN2010-1R0M Datasheet
215Kb / 3P
SRN2010 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2010-2R2M BOURNS-SRN2010-2R2M Datasheet
215Kb / 3P
SRN2010 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2010-R24M BOURNS-SRN2010-R24M Datasheet
215Kb / 3P
SRN2010 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2010-R47M BOURNS-SRN2010-R47M Datasheet
215Kb / 3P
SRN2010 Series - Semi-shielded Power Inductors
REV. 12/14
More results

Similar Description - SRN2009T-R33M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
Semi-shielded Power Inductors
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
Semi-shielded Power Inductors
SRN4018TA BOURNS-SRN4018TA Datasheet
823Kb / 3P
Semi-shielded Power Inductors
SRN3010TA BOURNS-SRN3010TA Datasheet
429Kb / 4P
Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com