Electronic Components Datasheet Search
  English  ▼

X  

ARJ2012 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ARJ2012
Description  SMD RELAYS WITH 8GHz CAPABILITIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARJ2012 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ARJ2012 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARJ2012 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARJ2012 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARJ2012 Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARJ2012 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RJ(ARJ2)
2
RJ-RELAYS
SMD RELAYS
WITH
8GHz CAPABILITIES
14.0
.551
9.00
.354
8.20
.323
14.0
.551
9.00
.354
8.20
.323
FEATURES
• Excellent high frequency characteris-
tics (50
Ω, at 5GHz)
V.S.W.R.: Max. 1.25
Insertion loss: Max. 0.5dB
Isolation: Min. 35dB
(Between open contacts)
Min. 30dB
(Between contact sets)
• Surface mount terminal
Surface mount terminals are now stan-
dard so there is much less work in design-
ing PC boards.
• Small size
Size: 14.00 (L)
×9.00 (W)×8.20 (H) mm
.551 (L)
×.354 (W)×.323 (H) inch
TYPICAL
APPLICATIONS
Measurement equipment market
Attenuator circuits, spectrum analyzer,
oscilloscope, mobile equipment, tester
Mobile telecommunication market
IMT2000, microwave communication
Medical instruments market
SPECIFICATIONS
Contact
Coil (at 20
°C, 68°F)
Characteristics
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section.
*2 Detection current: 10mA
*3 Nominal operating voltage applied to the coil, excluding contact bounce time.
*4 By resistive method, nominal voltage applied to the coil, 5GHz, V.S.W.R. & 1.25
*5 Half-wave pulse of sine wave: 6ms, detection time: 10
µs.
*6 Pulse of sine wave: 11ms.
*7 Detection time: 10
µs
*8 Refer to 6. Conditions for operation, transport and storage mentioned in NOTES
Arrangement
2 Form C
Contact material
Gold alloy
Initial contact resistance
Max. 150m
Ω
Rating
Contact rating
1W (at 5 GHz, Impedance
50
Ω, V.S.W.R. &1.25)
10mA 10V DC (resistive load)
Contact carrying power
1W (at 5 GHz, Impedance
50
Ω, V.S.W.R. &1.25)
Max. switching voltage
30 V DC
Max. switching current
0.3 A DC
High frequency
characteristics
(Initial)
(~5GHz,
Impedance
50
Ω)
V.S.W.R.
Max. 1.25
Insertion loss
(without D.U.T. board’s loss)
Max. 0.5dB
Isolation
Between
open contacts
Min. 35dB
Between
contact sets
Min. 30dB
Input power
1W (at 5GHz, impedance 50
Ω,
V.S.W.R. &1.25, at 20
°C)
Expected life
(min. opera-
tions)
Mechanical (at 180 cpm)
107
Electrical
(at
20cpm)
1W, at 5GHz,
V.S.W.R. & 1.25
105
10mA 10V DC
(resistive load)
106
Nominal operating power
Single side stable
200 mW
2 coil latching
150 mW
Initial insulation resistance*1
Min. 500 M
Ω (at 500 V DC)
Initial breakdown
voltage*2
Between open contacts
500 Vrms
Between contact sets
500 Vrms
Between contact and coil
500 Vrms
Operate time [Set time]*3 (at 20
°C)
Max. 5ms
Release time (without diode)[Reset time]*3
(at 20
°C)
Max. 5ms
Temperature rise (at 20
°C)*4
Max. 50
°C
Shock resistance
Functional*5
Min. 500 m/s2
Destructive*6
Min. 1,000 m/s2
Vibration resistance
Functional*7
10 to 55 Hz at double
amplitude of 3 mm
Destructive
10 to 55 Hz at double
amplitude of 5 mm
Conditions for operation,
transport and storage*8
(Not freezing and condens-
ing at low temperature)
Ambient temp.
–30
°C to 70°C
–22
°F to 158°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 3 g .11 oz
ORDERING INFORMATION
2
Ex. ARJ
Contact arrangement
Terminal shape
Operating function
Packing style
Coil voltage (DC)
Nil: Standard PC board terminal
A: Surface-mount terminal
2: 2 Form C
0: Single side stable
2: 2 coil latching
Nil: Carton packing
X: Tape end reel packing
(picked from 1/2/3-pin side)
Z: Tape and reel packing (picked
from 6/7/8-pin side)
03 : 3V
4H: 4.5V
12 : 12V
24 : 24V
Note: Tape and reel packing symbol “-Z” is not marked on the relay. “X” type tape and reel packing (picked from 1/2/3-pin side) is
also available. Suffix “X” instead of “Z”.
rj.fm
2
y [ W
QOOPNX
PPœ@˛jœ@
OPP
SS“


Similar Part No. - ARJ2012

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ21A ABRACON-ARJ21A Datasheet
5Mb / 7P
10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A ABRACON-ARJ21A-MBSD-A Datasheet
5Mb / 7P
RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A-B-EMU2 ABRACON-ARJ21A-MBSD-A-B-EMU2 Datasheet
5Mb / 7P
10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A-B-EMU2 ABRACON-ARJ21A-MBSD-A-B-EMU2 Datasheet
5Mb / 7P
RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MCSA-LT2 ABRACON-ARJ21A-MCSA-LT2 Datasheet
5Mb / 7P
10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
More results

Similar Description - ARJ2012

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
.5-8GHz MESFET Amplifier
logo
RF Micro Devices
RFVC1802 RFMD-RFVC1802 Datasheet
511Kb / 8P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 4GHZ TO 8GHZ
logo
Panasonic Semiconductor
ARN10A4H PANASONIC-ARN10A4H Datasheet
158Kb / 6P
8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS
logo
Texas Instruments
LM3S9B92 TI1-LM3S9B92_14 Datasheet
100Kb / 3P
Evaluation board with robotic capabilities
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800_14 Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1802 RFMD-RFVC1802_14 Datasheet
625Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 4GHz to 8GHz
logo
Mini-Circuits
K1-GAT MINI-K1-GAT Datasheet
309Kb / 1P
DC to 8GHz
K2-GAT MINI-K2-GAT Datasheet
291Kb / 1P
DC to 8GHz
logo
Cypress Semiconductor
CY30703 CYPRESS-CY30703 Datasheet
69Kb / 4P
Demonstrates CY27EE16 capabilities
logo
Cornell Dubilier Electr...
381LR CDE-381LR_14 Datasheet
900Kb / 6P
Ultra-High Ripple Capabilities
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com