Electronic Components Datasheet Search
  English  ▼

X  

ARJ2012X Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ARJ2012X
Description  SMD RELAYS WITH 8GHz CAPABILITIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARJ2012X Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ARJ2012X Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARJ2012X Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARJ2012X Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARJ2012X Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARJ2012X Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RJ(ARJ2)
3
TYPES AND COIL DATA (at 20
°C 68°F)
1. Standard PC board terminal
• Packing of standard PC board terminal: 50 pcs. in an inner package (carton); 500 pcs. in an outer package
2. Surface-mount terminal
• Packing of surface-mount terminal: 50 pcs. in an inner package (carton); 500 pcs. in an outer package
• Packing of surface-mount terminal: 500 pcs. in an inner package (tape and reel); 500 pcs. in an outer package
Operating
function
Coil Rating,
V DC
Part No.
Pick-up voltage,
V DC (max.)
(initial)
Drop-out voltage,
V DC (min.)
(initial)
Nominal operating
current, mA
(
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage, V DC
Standard PC
board terminal
Single side
stable
3
ARJ2003
2.25
0.3
66.6
45
200
3.3
4.5
ARJ204H
3.375
0.45
44.4
101.2
200
4.95
12
ARJ2012
9
1.2
16.6
720
200
13.2
24
ARJ2024
18
2.4
8.3
2,880
200
26.4
Operating
function
Coil Rating,
V DC
Part No.
Set voltage,
V DC (max.)
(initial)
Reset voltage,
V DC (min.)
(initial)
Nominal operating
current, mA
(
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage, V DC
Standard PC
board terminal
2 coil
latching
3
ARJ2203
2.25
2.25
50
60
150
3.3
4.5
ARJ224H
3.375
3.375
33.3
135
150
4.95
12
ARJ2212
9
9
12.5
960
150
13.2
24
ARJ2224
18
18
6.3
3,840
150
26.4
Operating
function
Coil Rating,
V DC
Part No.
Pick-up
voltage, V DC
(max.) (initial)
Drop-out
voltage, V DC
(min.) (initial)
Nominal operating
current, mA
(
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage, V DC
Carton
packing
Tape and reel
packing
Single side
stable
3
ARJ20A03
ARJ20A03Z
2.25
0.3
66.6
45
200
3.3
4.5
ARJ20A4H
ARJ20A4HZ
3.375
0.45
44.4
101.2
200
4.95
12
ARJ20A12
ARJ20A12Z
9
1.2
16.6
720
200
13.2
24
ARJ20A24
ARJ20A24Z
18
2.4
8.3
2,880
200
26.4
Operating
function
Coil Rating,
V DC
Part No.
Set voltage,
V DC (max.)
(initial)
Reset voltage,
V DC (min.)
(initial)
Nominal operating
current, mA
(
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage, V DC
Carton
packing
Tape and reel
packing
2 coil
latching
3
ARJ22A03
ARJ22A03Z
2.25
2.25
50
60
150
3.3
4.5
ARJ22A4H
ARJ22A4HZ
3.375
3.375
33.3
135
150
4.95
12
ARJ22A12
ARJ22A12Z
9
9
12.5
960
150
13.2
24
ARJ22A24
ARJ22A24Z
18
18
6.3
3,840
150
26.4
REFERENCE DATA
1. High frequency characteristics
Sample: ARJ20A12
Measuring method: Measured with MEW PC board by HP network analyzer (HP8510C).
• V.S.W.R. characteristics
• Insertion loss characteristics
(without D.U.T. board’s loss)
• Isolation characteristics
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
Frequency
45MHz
5GHz
8GHz
3.0
0.5
0
1.0
1.5
2.0
2.5
8GHz
5GHz
45MHz
Frequency
10
0
20
30
40
50
60
70
80
45MHz
8GHz
5GHz
Frequency
Between contact sets
Between open contact
rj.fm
3
y [ W
QOOPNX
PPœ@˛jœ@
OPP
SS“



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com