Electronic Components Datasheet Search
  English  ▼

X  

2CL80KV Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL80KV
Description  Potting Type High Voltage Rectifier Subassembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL80KV Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL80KV Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL80KV Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL80KV/0.5A
0.5A 80kV
Potting Type High Voltage Rectifier Subassembly
----------------------------------------------------------------------------------------------------------------------------- ------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-10 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier assembly is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
FEATURES:
1. High reliability design.
2. High voltage design.
3. High current .
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. High voltage test equipment circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: screw holes.
3. Net weight: 90 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: HVC-103020
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
80
kV
Non-Repetitive Peak Renerse Voltage
VRSM
TA=25°C
--
kV
Average Forward Current Maximum
IFAVM
TA=25°C
0.5
A
TOIL=55°C
--
A
Non-Repetitive Forward Surge Current
IFSM
TA=25°C; 60Hz Half-Sine Wave; 8.3mS
15
A
Junction Temperature
TJ
125
°C
Allowable Operation Case Temperature
Tc
-40~+125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VFM
at 25°C; at IFAVM
96
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
5.0
uA
IR2
at 100°C; at VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF


Similar Part No. - 2CL80KV

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL80KV-0.1A GETEDZ-2CL80KV-0.1A Datasheet
511Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CL80KV-0.1A GETEDZ-2CL80KV-0.1A_17 Datasheet
511Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CL80KV-0.2A GETEDZ-2CL80KV-0.2A Datasheet
511Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CL80KV-0.2A GETEDZ-2CL80KV-0.2A_17 Datasheet
511Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CL80KV-01A GETEDZ-2CL80KV-01A Datasheet
453Kb / 1P
0.1A 80kV--High voltage silicon rectifier stack
More results

Similar Description - 2CL80KV

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL30KV01A GETEDZ-2CL30KV01A Datasheet
103Kb / 1P
Potting type high voltage subassembly
2CL30KV02A GETEDZ-2CL30KV02A Datasheet
103Kb / 1P
Potting type high voltage subassembly
2CL50KV-1A GETEDZ-2CL50KV-1A Datasheet
103Kb / 1P
Potting type high voltage subassembly
2CL30KV GETEDZ-2CL30KV Datasheet
515Kb / 2P
Potting Type High Voltage Rectifier Subassembly
2CL200KV GETEDZ-2CL200KV Datasheet
534Kb / 2P
Potting Type High Voltage Rectifier Subassembly
HVR5510S08 GETEDZ-HVR5510S08 Datasheet
513Kb / 2P
Potting Type High Voltage Rectifier Subassembly
HVR5510S10 GETEDZ-HVR5510S10 Datasheet
513Kb / 2P
Potting Type High Voltage Rectifier Subassembly
HVR5510S12 GETEDZ-HVR5510S12 Datasheet
513Kb / 2P
Potting Type High Voltage Rectifier Subassembly
HVR5510S15 GETEDZ-HVR5510S15 Datasheet
513Kb / 2P
Potting Type High Voltage Rectifier Subassembly
HVQD100ME40D GETEDZ-HVQD100ME40D Datasheet
141Kb / 1P
POTTING TYPE HV SUBASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com