Electronic Components Datasheet Search
  English  ▼

X  

PE35463 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35463
Description  CABLE ASSEMBLY, RG400/U, MMCX PLUG RIGHT ANGLE TO MMCX PLUG RIGHT ANGLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35463 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35463 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE35463

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE354 PASTERNACK-PE354 Datasheet
407Kb / 4P
SMA Male to N Male Cable Using PE-P141 Coax with HeatShrink, LF Solder, RoHS
PE354-100CM PASTERNACK-PE354-100CM Datasheet
336Kb / 3P
SMA Male to N Male High Performance Test Cable 18 Ghz 100 cm Length Using PE-P141 Coax, RoHS
PE354-12 PASTERNACK-PE354-12 Datasheet
335Kb / 3P
SMA Male to N Male High Performance Test Cable 18 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
PE354-120 PASTERNACK-PE354-120 Datasheet
336Kb / 3P
SMA Male to N Male High Performance Test Cable 18 Ghz 120 Inch Length Using PE-P141 Coax, RoHS
PE354-150CM PASTERNACK-PE354-150CM Datasheet
336Kb / 3P
SMA Male to N Male High Performance Test Cable 18 Ghz 150 cm Length Using PE-P141 Coax, RoHS
More results

Similar Description - PE35463

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73064 POMONA-73064 Datasheet
122Kb / 1P
MMCX Plug to Right-Angle MMCX Plug, RG316/U
logo
Pasternack Enterprises,...
PE34893 PASTERNACK-PE34893 Datasheet
272Kb / 1P
CABLE ASSEMBLY RG196A/U MMCX PLUG TO MMCX PLUG RIGHT ANGLE
PE34895 PASTERNACK-PE34895 Datasheet
272Kb / 1P
CABLE ASSEMBLY RG316/U MMCX PLUG TO MMCX PLUG RIGHT ANGLE
PE34883 PASTERNACK-PE34883 Datasheet
272Kb / 1P
CABLE ASSEMBLY RG178B/U MMCX PLUG TO MMCX PLUG RIGHT ANGLE
logo
Molex Electronics Ltd.
0897616790 MOLEX11-0897616790 Datasheet
31Kb / 1P
MMCX Right-Angle Plug-to-MMCX Right-Angle Plug Assembly, RG-316 Cable
0897616791 MOLEX11-0897616791 Datasheet
31Kb / 1P
MMCX Right-Angle Plug-to-MMCX Right-Angle Plug Assembly, RG-316 Cable
logo
Pasternack Enterprises,...
PE34881 PASTERNACK-PE34881 Datasheet
170Kb / 1P
CALBLE ASSEMBLY, RG174A/U, MMCX PLUG TO MMCX PLUG RIGHT ANGLE
PE34881LF PASTERNACK-PE34881LF Datasheet
280Kb / 1P
CALBLE ASSEMBLY, RG174A/U, MMCX PLUG TO MMCX PLUG RIGHT ANGLE
PE34895LF PASTERNACK-PE34895LF Datasheet
281Kb / 1P
CALBLE ASSEMBLY, RG316/U, MMCX PLUG TO MMCX PLUG RIGHT ANGLE
PE35444LF PASTERNACK-PE35444LF Datasheet
222Kb / 1P
CABLE ASSEMBLY, RG178B/U, MMCX PLUG RIGHT ANGLE TO MMCX PLUG RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com