Electronic Components Datasheet Search
  English  ▼

X  

ARJ2003Z Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ARJ2003Z
Description  SMD RELAYS WITH 8GHz CAPABILITIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARJ2003Z Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ARJ2003Z Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARJ2003Z Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARJ2003Z Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARJ2003Z Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARJ2003Z Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RJ(ARJ2)
4
DIMENSIONS
mm inch
1. Standard PC board terminal
General tolerance:
±0.3 ±.012
3Better HF characteristics
may be obtained when this
portion is soldered with
PC board ground.
1All bottom surface of the base should be
touched closely or soldered with PC board
ground.
24 ribs should be soldered with PC board ground.
10.6
.417
12.2
.480
14.0
.551
0.50
.020
8.89
.350
12.70
.500
0.40
.016
7.62
.300
3.81
.150
0.50
.020
9.00
.354
11.40
.449
0.20
.008
A
10.4
.409
3.50
.138
8.20
.323
6.36
.250
0.15
.006
0.20
.008
0.50
.020
Expansion of A
0 to 0.2
0 to .008
(Typical: 0.1)
(Typical: .004)
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
NO
NC
Com
Com
5
9
2
87
10
6
3
4
1
+
–
Direction
indication
Com
Com
NO
NC
6
1
10
3
4
7
2
5
8
9
–
+
+
–
2. Surface mount terminal
General tolerance:
±0.3 ±.012
10.6
.417
0.50
.020
8.89
.350
12.2
.480
14.0
.551
15.0
.591
9.00
.354
10.0
.394
11.40
.449
3Better HF characteristics
may be obtained when this
portion is soldered with
PC board ground.
1All bottom surface of the base should be
touched closely or soldered with PC board
ground.
24 ribs should be soldered with PC board ground.
A
8.20
.323
0.50
.020
0.50
.020
10.4
.409
3.81
.150
0.40
.016
0.20
.008
6.36
.250
Expansion of A
0 to 0.2
0 to .008
(Typical: 0.1)
(Typical: .004)
Schematic (Top view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
Direction
indication
NO
NC
Com
Com
5
9
2
87
10
6
3
4
1
+
–
Com
Com
NO
NC
6
1
10
3
4
7
2
5
8
9
–
+
+
–
rj.fm
4
y [ W
QOOPNX
PPœ@˛jœ@
OPP
SS“



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com