Electronic Components Datasheet Search
  English  ▼

X  

BGY787 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY787
Description  750 MHz, 21.5 dB gain push-pull
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY787 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY787 Datasheet HTML 1Page - NXP Semiconductors BGY787 Datasheet HTML 2Page - NXP Semiconductors BGY787 Datasheet HTML 3Page - NXP Semiconductors BGY787 Datasheet HTML 4Page - NXP Semiconductors BGY787 Datasheet HTML 5Page - NXP Semiconductors BGY787 Datasheet HTML 6Page - NXP Semiconductors BGY787 Datasheet HTML 7Page - NXP Semiconductors BGY787 Datasheet HTML 8Page - NXP Semiconductors BGY787 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
9397 750 14773
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 08 — 1 April 2005
2 of 11
Philips Semiconductors
BGY787
750 MHz, 21.5 dB gain push-pull amplifier
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2:
Pinning
Pin
Description
Simplified outline
Symbol
1
input
2
common
3
common
5+VB
7
common
8
common
9
output
9
13 57
23 78
5
9
1
sym095
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BGY787
-
rectangular single-ended package; aluminium flange;
2 vertical mounting holes; 2
× 6-32 UNC and 2 extra
horizontal mounting holes; 7 gold-plated in-line leads
SOT115J
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
Vi
RF input voltage
-
60
dBmV
Tstg
storage temperature
−40
+100
°C
Tmb
mounting base temperature
−20
+100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com