Electronic Components Datasheet Search
  English  ▼

X  

BQ27010 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27010
Description  SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27010 Datasheet(HTML) 1 Page - Texas Instruments

  BQ27010 Datasheet HTML 1Page - Texas Instruments BQ27010 Datasheet HTML 2Page - Texas Instruments BQ27010 Datasheet HTML 3Page - Texas Instruments BQ27010 Datasheet HTML 4Page - Texas Instruments BQ27010 Datasheet HTML 5Page - Texas Instruments BQ27010 Datasheet HTML 6Page - Texas Instruments BQ27010 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
bq27000
bq27010
SLUS556 – FEBRUARY 2003
SINGLECELL LIION AND LIPOL BATTERY GAS GAUGE IC
FOR PORTABLE APPLICATIONS (bqJUNIOR)
1
www.ti.com
FEATURES
D Reports Accurate Time-to-Empty in Li-Ion
and Li-Pol Cells, No System Processor
Calculations Needed
D Reports Cell Temperature, Voltage and
Average Current
D High-Accuracy Coulometric Charge and
Discharge Current Integration with
Automatic Offset Cancellation
D Requires No Offset Calibration
D Programmable Input/Output Port
D Internal Time-Base Eliminates External
Crystal Oscillator
D Four Automatic Low-Power Operating Modes
– Active: < 100
µA
– Sleep: < 5
µA
– Ship: < 2
µA
– Hibernate: < 500 nA
D Small 8-Pin TSSOP Package
APPLICATIONS
D PDAs
D Smart Phones
D MP3 Players
D Digital Cameras
D Internet Appliances
D Handheld Devices
DESCRIPTION
The bqJUNIOR series are highly accurate
standalone single-cell Li-Ion and Li-Pol battery
capacity
monitoring
and
reporting
devices
targeted at space limited portable applications.
The device monitors a voltage drop across a small
current sense resistor connected in series with the
battery to determine charge and discharge activity
of
the
battery.
Compensations
for
battery
temperature,
self–discharge,
and
rate
of
discharge are applied to the charge counter to
provide available time-to-empty and time-to-full
information across a wide range of operating
conditions. Battery capacity is automatically
recalibrated, or learned, in the course of a
discharge cycle from full to empty. Internal
registers include available time-to-empty, cell
temperature and voltage, average current, and
other status and control registers.
The
bqJUNIOR
can
operate
directly
from
single-cell
Li-Ion
and
Li-Pol
batteries
and
communicates to the system over a simple
one-wire
bi-directional
serial
interface.
The
5-kbits/s
HDQ
bus
interfaces
reduces
communications
overhead
in
the
external
microcontroller.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UDG–03038
TYPICAL APPLICATION
1
2
3
4
8
7
6
5
GPIO
SRP
SRN
BAT
RBI
VCC
VSS
HDQ
bqJUNIOR
Protection
Controller
+
HDQ
PACK–
PACK+
Battery Pack
C4
0.1
µF
C3
0.1
µF
C2
0.1
µF
R2
100 k
Ω
R3
100 k
Ω
C1
0.1
µF
R1
0.02
Ω
Li-Ion
or
Li-Pol


Similar Part No. - BQ27010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27010 TI-BQ27010 Datasheet
397Kb / 30P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI1-BQ27010 Datasheet
1Mb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010 Datasheet
1Mb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI2-BQ27010 Datasheet
1Mb / 34P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
REVISED JANUARY 2007
BQ27010DRKR TI-BQ27010DRKR Datasheet
397Kb / 30P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results

Similar Description - BQ27010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210 TI-BQ27210 Datasheet
397Kb / 30P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
Single Cell Li-Ion Battery Gas Gauge
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com