Electronic Components Datasheet Search
  English  ▼

X  

SP4810 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SP4810
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP4810 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SP4810 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP4810 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP4810 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP4810 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP4810 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP4810 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP4810 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP4810 Datasheet HTML 8Page - SamHop Microelectronics Corp. SP4810 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SP4810
www.samhop.com.tw
Dec,19,2016
3
Symbol
Min
Typ
Max
Units
BVDSS
40
V
1
IGSS
±100
nA
VGS(th)
V
8
gFS
S
CISS
1414
pF
COSS
170
pF
CRSS
146
pF
Qg
23
nC
27
68
38
tD(ON)
23
ns
tr
ns
tD(OFF)
ns
tf
ns
VDS=20V,VGS=0V
SWITCHING CHARACTERISTICS
VDD=20V
ID=1A
VGS=10V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
m ohm
VGS=10V , ID=13.5A
VDS=5V , ID=13.5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=32V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
DIE 2 - ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
VGS=4.5V , ID=11A
10
11
15
m ohm
a
f=1.0MHz
a
nC
Qgs
nC
Qgd
2
6.2
Gate-Drain Charge
Gate-Source Charge
VDS=20V,ID=13.5A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
nC
12
VDS=20V,ID=13.5A,VGS=10V
VDS=20V,ID=13.5A,VGS=4.5V
VSD
Diode Forward Voltage
VGS=0V,IS=3A
0.78
1.2
V
1
1.6
3
22
Notes
a.Guaranteed by design, not subject to production testing.
b.Drain current limited by maximum junction temperature.
c.Starting TJ=25°C,L=0.5mH,VDD = 20V.(See Figure13)
d.Mounted on FR4 Board of 1 inch2 , 2oz.
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com