Electronic Components Datasheet Search
  English  ▼

X  

STC9204 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STC9204
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STC9204 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STC9204 Datasheet HTML 1Page - SamHop Microelectronics Corp. STC9204 Datasheet HTML 2Page - SamHop Microelectronics Corp. STC9204 Datasheet HTML 3Page - SamHop Microelectronics Corp. STC9204 Datasheet HTML 4Page - SamHop Microelectronics Corp. STC9204 Datasheet HTML 5Page - SamHop Microelectronics Corp. STC9204 Datasheet HTML 6Page - SamHop Microelectronics Corp. STC9204 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
IGSS
±10
uA
VGS(th)
0.5
V
m ohm
VGS=4.5V , ID=4.75A
RDS(ON)
Drain-Source On-State Resistance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=1.0mA
VDS=18V , VGS=0V
VGS= ±12V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
ON CHARACTERISTICS
STC9204
Ver 1.1
0.85
1.5
gFS
28
S
CISS
980
pF
COSS
213
pF
CRSS
189
pF
Qg
24
nC
66
nC
Qgs
116
nC
Qgd
46
tD(ON)
10.7
ns
tr
2.1
ns
tD(OFF)
5.4
ns
tf
ns
Gate-Drain Charge
VDS=10V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=16V
ID=4.75A
VGS=4.5V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
VDS=5V , ID=4.75A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
Forward Transconductance
Reverse Transfer Capacitance
VGS=4.0V , ID=4.75A
m ohm
c
f=1.0MHz
c
VDS=16V,ID=9.5A,
VGS=4.5V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VSD
Diode Forward Voltage
VGS=0V,IS=9.5A
0.84
1.2
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
c.Guaranteed by design, not subject to production testing.
_
_
www.samhop.com.tw
Dec,08,2015
2
_
7.8
10.0
8.0
10.3
VGS=3.7V , ID=4.75A
m ohm
VGS=2.5V , ID=4.75A
m ohm
10.5
14.2
6.3
6.5
8.0
VGS=3.1V , ID=4.75A
m ohm
9.0
11.8
7.0
8.2
10.6
6.7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com