Electronic Components Datasheet Search
  English  ▼

X  

STF8235A Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STF8235A
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF8235A Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STF8235A Datasheet HTML 1Page - SamHop Microelectronics Corp. STF8235A Datasheet HTML 2Page - SamHop Microelectronics Corp. STF8235A Datasheet HTML 3Page - SamHop Microelectronics Corp. STF8235A Datasheet HTML 4Page - SamHop Microelectronics Corp. STF8235A Datasheet HTML 5Page - SamHop Microelectronics Corp. STF8235A Datasheet HTML 6Page - SamHop Microelectronics Corp. STF8235A Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
IGSS
±10
uA
VGS(th)
0.5
V
RDS(ON)
Drain-Source On-State Resistance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=1.0mA
VDS=16V , VGS=0V
VGS= ±12V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
ON CHARACTERISTICS
STF8235A
0.7
1.5
gFS
34
S
Qg
230
861
nC
Qgs
3536
nC
Qgd
2020
tD(ON)
ns
tr
3.5
ns
tD(OFF)
11
ns
tf
ns
Gate-Drain Charge
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=20V
ID=5.5A
VGS=10V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
VDS=5V , ID=5.5A
Forward Transconductance
VGS=4.5V , ID=5.5A
m ohm
b
VDS=20V,ID=11A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VSD
Diode Forward Voltage
VGS=0V,IS=11A
0.81
1.2
V
www.samhop.com.tw
Jul,08,2015
2
5.3
6.9
4.0
Ver 1.0
VGS=4.0V , ID=5.5A
m ohm
5.4
7.0
VGS=3.7V , ID=5.5A
m ohm
VGS=2.5V , ID=5.5A
m ohm
6.3
8.5
4.1
4.7
VGS=3.1V , ID=5.5A
m ohm
5.7
7.6
4.3
5.5
7.2
4.2
nC
26.5
VDS=20V,ID=11A,VGS=4.5V
Notes
a.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
b.Guaranteed by design, not subject to production testing.
c.Drain current limited by maximum junction temperature.
d.Mounted on FR4 Board of 1 inch2 , 2oz.
_
_



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com