Electronic Components Datasheet Search
  English  ▼

X  

AD7623 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7623
Description  16-Bit, 1.33 MSPS PulSAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7623 Datasheet HTML 10Page - Analog Devices AD7623 Datasheet HTML 11Page - Analog Devices AD7623 Datasheet HTML 12Page - Analog Devices AD7623 Datasheet HTML 13Page - Analog Devices AD7623 Datasheet HTML 14Page - Analog Devices AD7623 Datasheet HTML 15Page - Analog Devices AD7623 Datasheet HTML 16Page - Analog Devices AD7623 Datasheet HTML 17Page - Analog Devices AD7623 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
AD7623
Rev. 0 | Page 13 of 28
0
–180
0
600
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
fS = 1.33MSPS
fIN = 20.03kHz
SNR = 89.4dB
THD = –104.1dB
SFDR = 107.2dB
SINAD = 89.3dB
500
100
200
300
400
Figure 11. FFT 20 kHz
92
82
1
1000
FREQUENCY (kHz)
13.4
13.8
14.2
14.6
15.0
15.4
SNR
SINAD
ENOB
90
88
86
84
10
100
Figure 12. SNR, SINAD and ENOB vs. Frequency
–70
–120
1
1000
FREQUENCY (kHz)
20
30
40
50
60
70
80
90
100
110
120
–75
–80
–85
–90
–95
–100
–105
–110
–115
10
100
SECOND
HARMONIC
THIRD
HARMONIC
THD
SFDR
Figure 13. THD, Harmonics, and SFDR vs. Frequency
0
–180
0
600
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
fS = 1.33MSPS
fIN = 100.13kHz
SNR = 89.2dB
THD = –95.6dB
SFDR = 96dB
SINAD = 88.4dB
500
100
200
300
400
Figure 14. FFT 100 kHz
90
82
–55
125
TEMPERATURE (°C)
13.5
14.0
14.5
15.0
15.5
89
88
87
86
85
84
83
–35
–15
5
25
45
65
85
105
ENOB
SINAD
SNR
Figure 15. SNR, SINAD, and ENOB vs. Temperature
–80
–130
–55
125
TEMPERATURE (°C)
–85
–90
–95
–100
–105
–110
–115
–120
–125
–35
–155
25456585
105
50
55
60
65
70
75
80
85
90
95
100
SECOND
HARMONIC
THIRD
HARMONIC
THD
SFDR
Figure 16. THD, Harmonics, and SFDR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com