Electronic Components Datasheet Search
  English  ▼

X  

AD7623ACPZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD7623ACPZ
Description  16-Bit, 1.33 MSPS PulSAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623ACPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7623ACPZ Datasheet HTML 21Page - Analog Devices AD7623ACPZ Datasheet HTML 22Page - Analog Devices AD7623ACPZ Datasheet HTML 23Page - Analog Devices AD7623ACPZ Datasheet HTML 24Page - Analog Devices AD7623ACPZ Datasheet HTML 25Page - Analog Devices AD7623ACPZ Datasheet HTML 26Page - Analog Devices AD7623ACPZ Datasheet HTML 27Page - Analog Devices AD7623ACPZ Datasheet HTML 28Page - Analog Devices AD7623ACPZ Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
AD7623
Rev. 0 | Page 28 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BBC
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
7.00
BSC SQ
1.60
MAX
0.75
0.60
0.45
VIEW A
9.00
BSC SQ
PIN 1
0.20
0.09
1.45
1.40
1.35
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
0.15
0.05
Figure 43. 48-Lead Low Profile Quad Flat Package [LQFP]
(ST-48)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2
PIN 1
INDICATOR
TOP
VIEW
6.75
BSC SQ
7.00
BSC SQ
1
12
13
36
24
25
48
37
5.25
5.10 SQ
4.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12° MAX
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
5.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
SEATING
PLANE
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
PADDLE CONNECTED TO GND.
THIS CONNECTION IS NOT
REQUIRED TO MEET THE
ELECTRICAL PERFORMANCES
Figure 44. 48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
7 mm × 7 mm Body, Very Thin Quad
(CP-48-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7623ACP
−40°C to +85°C
48-Lead Lead Frame Chip Scale (LFCSP_VQ)
CP-48-1
AD7623ACPRL
−40°C to +85°C
48-Lead Lead Frame Chip Scale (LFCSP_VQ)
CP-48-1
AD7623ACPZ1
−40°C to +85°C
48-Lead Lead Frame Chip Scale (LFCSP_VQ)
CP-48-1
AD7623ACPZRL
−40°C to +85°C
48-Lead Lead Frame Chip Scale (LFCSP_VQ)
CP-48-1
1
AD7623AST
−40°C to +85°C
48-Lead Low Profile Quad Flatpack (LQFP)
ST-48
AD7623ASTRL
−40°C to +85°C
48-Lead Low Profile Quad Flatpack (LQFP)
ST-48
AD7623ASTZ
−40°C to +85°C
48-Lead Low Profile Quad Flatpack (LQFP)
ST-48
1
AD7623ASTZRL
−40°C to +85°C
48-Lead Low Profile Quad Flatpack (LQFP)
ST-48
1
EVAL-AD7623CB
Evaluation Board
2
EVAL-CONTROL BRD3
Controller Board
3
1 Z = Pb-free part.
2 This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRD3 for evaluation/demonstration purposes.
3 This board allows a PC to control and communicate with all Analog Devices, Inc. evaluation boards ending in the CB designator.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05574–0–7/05(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com