Electronic Components Datasheet Search
  English  ▼

X  

AD7623ASTRL Datasheet(PDF) 21 Page - Analog Devices

Part # AD7623ASTRL
Description  16-Bit, 1.33 MSPS PulSAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623ASTRL Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7623ASTRL Datasheet HTML 17Page - Analog Devices AD7623ASTRL Datasheet HTML 18Page - Analog Devices AD7623ASTRL Datasheet HTML 19Page - Analog Devices AD7623ASTRL Datasheet HTML 20Page - Analog Devices AD7623ASTRL Datasheet HTML 21Page - Analog Devices AD7623ASTRL Datasheet HTML 22Page - Analog Devices AD7623ASTRL Datasheet HTML 23Page - Analog Devices AD7623ASTRL Datasheet HTML 24Page - Analog Devices AD7623ASTRL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD7623
Rev. 0 | Page 20 of 28
Power-Up
At power-up, or returning to operational mode from the power-
down mode (PD = high), the AD7623 engages an initialization
process. During this time, the first 128 conversions should be
ignored or the RESET input could be pulsed to engage a faster
initialization process. Refer to the Digital Interface section for
RESET and timing details.
A simple power-on reset circuit, as shown in Figure 23, can be
used to minimize the digital interface. As OVDD powers up, the
capacitor is shorted and brings RESET high; it is then charged,
returning RESET to low. However, this circuit only works when
powering up the AD7623 because the power-down mode
(PD = high) does not power down any of the supplies. As a
result, RESET is low.
POWER DISSIPATION VS. THROUGHPUT
The AD7623 automatically reduces its power consumption at
the end of each conversion phase. During the acquisition phase,
the operating currents are very low, which allows a significant
power savings when the conversion rate is reduced (see Figure 30).
This feature makes the AD7623 ideal for very low power,
battery-operated applications.
It should be noted that the digital interface remains active even
during the acquisition phase. To reduce the operating digital
supply currents even further, drive the digital inputs close to the
power rails (that is, OVDD and OGND).
SAMPLING RATE (SPS)
100
100k
10k
1k
100
1k
10k
100k
1M
10M
PDREF = PDBUF = HIGH
Figure 30. Power Dissipation vs. Sample Rate
CONVERSION CONTROL
The AD7623 is controlled by the CNVST input. A falling edge
on CNVST is all that is necessary to initiate a conversion.
Detailed timing diagrams of the conversion process are shown
in Figure 31. Once initiated, it cannot be restarted or aborted,
even by the power-down input, PD, until the conversion is
complete. The CNVST signal operates independently of CS and
RD signals.
BUSY
MODE
CONVERT
ACQUIRE
ACQUIRE
CONVERT
CNVST
t1
t2
t4
t3
t5
t6
t7
t8
Figure 31. Basic Conversion Timing
For optimal performance, the rising edge of CNVST should not
occur after the maximum CNVST low time, t1, or until the end
of conversion.
Although CNVST is a digital signal, it should be designed with
special care with fast, clean edges, and levels with minimum
overshoot, undershoot, or ringing.
The CNVST trace should be shielded with ground, and a low
value (such as 50 Ω) serial resistor termination should be added
close to the output of the component that drives this line. Also,
a 60 pF capacitor is recommended to further reduce the effects
of overshoot and undershoot, as shown in Figure 23.
For applications where SNR is critical, the CNVST signal should
have very low jitter. This can be achieved by using a dedicated
oscillator for CNVST generation, or by clocking CNVST with a
high frequency, low jitter clock, as shown in Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com