Electronic Components Datasheet Search
  English  ▼

X  

CD54HC257 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC257
Description  High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC257 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC257 Datasheet HTML 1Page - Texas Instruments CD54HC257 Datasheet HTML 2Page - Texas Instruments CD54HC257 Datasheet HTML 3Page - Texas Instruments CD54HC257 Datasheet HTML 4Page - Texas Instruments CD54HC257 Datasheet HTML 5Page - Texas Instruments CD54HC257 Datasheet HTML 6Page - Texas Instruments CD54HC257 Datasheet HTML 7Page - Texas Instruments CD54HC257 Datasheet HTML 8Page - Texas Instruments CD54HC257 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS171D
Features
• Buffered Inputs
• Typical Propagation Delay ( In to Output ) = 12ns at
VCC = 5V, CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC257 and ’HCT257 are quad 2-input multiplexers
which select four bits of data from two sources under the
control of a common Select Input (S). The Output Enable
input (OE) is active LOW. When OE is HIGH, all of the out-
puts (1Y-4Y) are in the high impedance state regardless of
all other input conditions.
Moving data from two groups of registers to four common
output buses is a common use of the 257. The state of the
Select input determines the particular register from which
the data comes. It can also be used as a function generator.
Pinout
CD54HC257, CD54HCT257
(CERDIP)
CD74HC257, CD74HCT257
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC257F3A
-55 to 125
16 Ld CERDIP
CD54HCT257F3A
-55 to 125
16 Ld CERDIP
CD74HC257E
-55 to 125
16 Ld PDIP
CD74HC257M
-55 to 125
16 Ld SOIC
CD74HC257MT
-55 to 125
16 Ld SOIC
CD74HC257M96
-55 to 125
16 Ld SOIC
CD74HCT257E
-55 to 125
16 Ld PDIP
CD74HCT257M
-55 to 125
16 Ld SOIC
CD74HCT257MT
-55 to 125
16 Ld SOIC
CD74HCT257M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
S
1I0
1I1
1Y
2I0
2I1
GND
2Y
VCC
4I0
4I1
4Y
3I0
3I1
3Y
OE
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC257, CD74HC257,
CD54HCT257, CD74HCT257
High-Speed CMOS Logic Quad 2-Input
Multiplexer with Three-State Non-Inverting Outputs
[ /Title
(CD74
HC257
,
CD74
HCT25
7)
/Sub-
ject
(High
Speed
CMOS
Logic
Quad
2-Input
Multi-
plexer


Similar Part No. - CD54HC257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC257 TI1-CD54HC257 Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD54HC257 TI2-CD54HC257 Datasheet
362Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
Revised October 2003
CD54HC257F3A TI1-CD54HC257F3A Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD54HC257F3A TI2-CD54HC257F3A Datasheet
362Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
Revised October 2003
CD54HC257F3A.A TI2-CD54HC257F3A.A Datasheet
362Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
Revised October 2003
More results

Similar Description - CD54HC257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
Quad 2-Input Multiplexer with Three-State Outputs
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD74HC257 TI-CD74HC257 Datasheet
52Kb / 7P
High Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
logo
Intersil Corporation
CD54AC257 INTERSIL-CD54AC257 Datasheet
10Kb / 1P
Quad 2-Input Multiplexer Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74AC257 TI-CD74AC257 Datasheet
287Kb / 8P
Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_07 Datasheet
455Kb / 17P
Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_08 Datasheet
485Kb / 17P
Quad 2-Input Multiplexer with Three-State Outputs
CD54HC257 TI1-CD54HC257_14 Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com