Electronic Components Datasheet Search
  English  ▼

X  

SPS-2811WG Datasheet(PDF) 9 Page - Optoway Technology Inc

Part # SPS-2811WG
Description  32G FC / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2811WG Datasheet(HTML) 9 Page - Optoway Technology Inc

Back Button SPS-2811WG Datasheet HTML 2Page - Optoway Technology Inc SPS-2811WG Datasheet HTML 3Page - Optoway Technology Inc SPS-2811WG Datasheet HTML 4Page - Optoway Technology Inc SPS-2811WG Datasheet HTML 5Page - Optoway Technology Inc SPS-2811WG Datasheet HTML 6Page - Optoway Technology Inc SPS-2811WG Datasheet HTML 7Page - Optoway Technology Inc SPS-2811WG Datasheet HTML 8Page - Optoway Technology Inc SPS-2811WG Datasheet HTML 9Page - Optoway Technology Inc SPS-2811WG Datasheet HTML 10Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Optoway
SPS-2811WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com
http: // www.optoway.com
10/5/2016 V1.0
9
EEPROM Series ID Memory Contents (Address A2h)
Addr. Hex
Note
Addr. Hex
Note
Addr. Hex
Note
Addr. Hex
Note
0
4B
Temp. High
Alarm (75oC)
32
4D
Rx Power High
Alarm (3dBm)
64
00
For External Cal.
96
Real Time Temp. MSB
1
00
33
F1
65
00
For External Cal.
97
Real Time Temp. LSB
2
FB
Temp. Low
Alarm(-5oC)
34
02
Rx Power Low
Alarm (-12.8dBm)
66
00
For External Cal.
98
Real Time Vcc MSB
3
00
35
0D
67
00
For External Cal.
99
Real Time Vcc LSB
4
49
Temp. High
Warming(73oC)
36
3D
Rx Power High
Warming (2dBm)
68
3F
For External Cal. 100
Real Time Tx Bias MSB
5
00
37
E9
69
80
For External Cal. 101
Real Time Tx Bias LSB
6
00
Temp. Low
Warming (0oC)
38
03
Rx Power Low
Warming(-10.8dBm)
70
00
For External Cal. 102
Real Time Tx Pwr MSB
7
00
39
40
71
00
For External Cal. 103
Real Time Tx Pwr LSB
8
8C
Voltage High
Alarm (3.6V)
40
7F
Reserved
72
00
For External Cal. 104
Real Time Rx Pwr MSB
9
A0
41
FF
Reserved
73
00
For External Cal. 105
Real Time Rx Pwr LSB
10
75
Voltage Low
Alarm(3.0V)
42
80
Reserved
74
00
For External Cal. 106
Reserved
11
30
43
00
Reserved
75
00
For External Cal. 107
Reserved
12
88
Voltage High
Warming(3.5V)
44
7F
Reserved
76
01
For External Cal. 108
Reserved
13
B8
45
FF
Reserved
77
00
For External Cal. 109
Reserved
14
79
voltage Low
Warming (3.1V)
46
80
Reserved
78
00
For External Cal. 110
Tx Dis, Tx Fault, Rx Los
15
18
47
00
Reserved
79
00
For External Cal. 111
CDR Bypass, OWRAP,
EWRAP
16
FD
Tx Bias High
Alarm(130mA)
48
7F
Reserved
80
01
For External Cal. 112
Alarm Flag
17
E8
49
FF
Reserved
81
00
For External Cal. 113
Alarm Flag/Reserved
18
13
Tx Bias Low
Alarm(10mA)
50
80
Reserved
82
00
For External Cal. 114
Reserved
19
88
51
00
Reserved
83
00
For External Cal. 115
Reserved
20
EA
Tx Bias High
Warming
(120mA)
52
7F
Reserved
84
01
For External Cal. 116
Warming Flag
21
60
53
FF
Reserved
85
00
For External Cal. 117
Warming Flag/Reserved
22
1D
Tx Bias Low
Warming
(15mA)
54
80
Reserved
86
00
For External Cal. 118
RS1 Select
23
4C
55
00
Reserved
87
00
For External Cal. 119
Reserved
24
4D
Tx Power High
Alarm (3dBm))
56
00
For External Cal.
88
01
For External Cal. 120
Vendor Specific
25
F1
57
00
For External Cal.
89
00
For External Cal. 121
26
0C
Tx Power Low
Alarm(-5dBm)
58
00
For External Cal.
90
00
For External Cal. 122
27
5A
59
00
For External Cal.
91
00
For External Cal. 123
28
3D
Tx Power High
Warming(2dBm)
60
00
For External Cal.
92
00
For External Cal. 124
29
E9
61
00
For External Cal.
93
00
For External Cal. 125
30
0F
Tx Power Low
Warming (-4dBm)
62
00
For External Cal.
94
00
For External Cal. 126
31
8D
63
00
For External Cal.
95
Check Sum
127
Note: Address 128 – 247: customer R/W eeprom. Address 248 – 255:
Vendor Specific.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com