Electronic Components Datasheet Search
  English  ▼

X  

CM494 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CM494
Description  ADVANCED REGULATING PULSE WIDTH MODULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM494 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CM494 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM494 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM494 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM494 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM494 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM494 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM494 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM494 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM494 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CM494
ADVANCED REGULATING PULSE WIDTH MODULATOR
2000/12/29
Preliminary
Champion Microelectronic Corporation
Page 4
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, over recommended operating free-air
temperature range. Vcc = 15V, f = 10Khz, TA=TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output voltage VREF
lo = 1mA, TA= 25℃
4.75
5
5.25
V
Input regulation
Vcc = 7V to 40V
2
25
mV
Output regulation
lo = 1mA to 10mA
1
15
mV
Output voltage over temperature
ΔTA= Min. to Max
4.90
5.10
V
Short circuit output current
VREF = 0, TA= 25℃
10
35
50
mA
Oscillator Section
Frequency (Note 2)
CT = 0.01µF, RT = 12Ω
10
kHz
Standard deviation of frequency (Note 3)
All values of Vcc, CT, RT, TA
10
%
Frequency change with voltage
Vcc = 7V to 40V, TA= 25℃
0.1
%
Frequency change with temperature
CT = 0.01µF, RT = 12kΩ, ΔTA= Min. to Max
2
%
Deadtime Control Section (Output control connected to VREF )
Input bias current (Pin 4)
V (PIN 4) = 0V to 5.25V
-2
-10
µA
Maximum duty-cycle (each output)
V (PIN 4) = 0V
45
%
Deadtime control Section (cont.) (Output control connected to VREF)
Zero duty-cycle
3
3.3
V
Input threshold voltage (Pin 4)
Maximum duty-cycle
0
V
Amplifier Section
Input offset voltage
Vo (PIN 3) = 2.5V
2
10
mV
Input offset current
Vo (PIN 3) = 2.5V
25
250
nA
Input bias current
Vo (PIN 3) = 2.5V
-0.2
-1
µA
Common-mode input voltage range
Vcc = 7V to 40V
.03 to
Vcc -2
V
Open loop voltage gain
ΔVo = 3V, Vo = 0.5V to 3.5V
70
95
dB
Unity gain bandwidth
800
kHz
Common-mode rejection ratio
Vcc = 40V, TA = 25℃
65
80
dB
Output sink current (Pin 3)
VID = -15mV to –5V, V (Pin 3) = 3.5V
0.3
0.7
mA
Output Source current (Pin 3)
VID = -15mV to 5V, V (Pin 3) = 3.5V
-2
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com