Electronic Components Datasheet Search
  English  ▼

X  

PE4014 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4014
Description  BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4014 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4014 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Connector
• MIL-C-39012
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Gold Plated Brass Contact
• 3 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4014 BNC female bulkhead mount connector solder attachment solder cup terminal, .410 inch D hole is
part of our full line of RF components available for same-day shipping. This BNC bulkhead connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our BNC female bulkhead connector PE4014 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.063 in [27 mm]
Width/Dia.
0.5 in [12.70 mm]
.
Weight
0.018 lbs [8.16 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
3 µin minimum
Insulation
PTFE
Body
Brass
Nickel
70 µin minimum
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .410 inch D
Hole PE4014
PE4014 REV 1.1
BNC Female Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, .410 inch D Hole
RF Connectors Technical Data Sheet
PE4014


Similar Part No. - PE4014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4014 PASTERNACK-PE4014 Datasheet
251Kb / 2P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
More results

Similar Description - PE4014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44180 PASTERNACK-PE44180 Datasheet
238Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4704 PASTERNACK-PE4704 Datasheet
254Kb / 3P
RP TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4758 PASTERNACK-PE4758 Datasheet
250Kb / 3P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4063 PASTERNACK-PE4063 Datasheet
207Kb / 1P
TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminalm, 410 inch D Hole
PE44177 PASTERNACK-PE44177 Datasheet
236Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4014 PASTERNACK-PE4014 Datasheet
251Kb / 2P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4757 PASTERNACK-PE4757 Datasheet
203Kb / 2P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4015 PASTERNACK-PE4015_16 Datasheet
353Kb / 3P
BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4211 PASTERNACK-PE4211_17 Datasheet
350Kb / 3P
BNC Male Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com