Electronic Components Datasheet Search
  English  ▼

X  

PE4017 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4017
Description  SSMB Plug Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4017 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4017 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SSMB Plug Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 6 GHz
• Good VSWR of 1.3:1
• Gold Plated Beryllium Copper Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4017 SSMB plug connector with crimp/solder attachment for RG174, RG316, RG188, LMR-100, PE-B100,
PE-C100 and 0.100 inch is part of our full line of RF components available for same-day shipping. Our SSMB plug connector
operates up to a maximum frequency of 6 GHz and offers good VSWR of 1.3:1.
Our SSMB plug connector PE4017 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.3:1
Operating Voltage (AC)
250
Vrms
Dielectric Withstanding Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
0.807 in [20.5 mm]
Width/Dia.
0.184 in [4.67 mm]
.
Weight
0.01 lbs [4.54 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMB Plug Connector Crimp/Solder Attachment for RG174, RG316, RG188, LMR-100, PE-
B100, PE-C100, 0.100 inch PE4017
PE4017 REV 1.1
SSMB Plug Connector Crimp/Solder Attachment for RG174,
RG316, RG188, LMR-100, PE-B100, PE-C100, 0.100 inch
RF Connectors Technical Data Sheet
PE4017


Similar Part No. - PE4017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4017 PASTERNACK-PE4017 Datasheet
258Kb / 2P
SSMB Plug Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
More results

Similar Description - PE4017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4335 PASTERNACK-PE4335 Datasheet
204Kb / 2P
SSMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4017 PASTERNACK-PE4017 Datasheet
258Kb / 2P
SSMB Plug Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
PE4019 PASTERNACK-PE4019 Datasheet
221Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment For RG178, RG196
PE4334 PASTERNACK-PE4334 Datasheet
269Kb / 2P
SSMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
PE45153 PASTERNACK-PE45153 Datasheet
356Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45195 PASTERNACK-PE45195 Datasheet
338Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG178, RG196
PE4019 PASTERNACK-PE4019_16 Datasheet
354Kb / 3P
SSMB Plug Connector Crimp/Solder Attachment
PE4334 PASTERNACK-PE4334_16 Datasheet
317Kb / 3P
SSMB Plug Right Angle Connector Crimp/Solder Attachment
PE4337 PASTERNACK-PE4337_16 Datasheet
396Kb / 4P
SSMB Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4340 PASTERNACK-PE4340_16 Datasheet
313Kb / 3P
SSMB Jack Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com