Electronic Components Datasheet Search
  English  ▼

X  

PE4018 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4018
Description  BNC Male Connector Crimp/Crimp Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4018 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4018 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4018 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4018 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• 50 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Crimp/Crimp Attachment
Features
• Max. Operating Frequency 1,000 MHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4018 BNC male connector with crimp/crimp attachment for RG59, RG62 and RG71 is part of our full line of
RF components available for same-day shipping. Our BNC male connector operates up to a maximum frequency of 1,000
MHz and offers good VSWR of 1.3:1.
Our BNC male connector PE4018 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.3:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.13 in [28.7 mm]
Width/Dia.
0.571 in [14.50 mm]
.
Weight
0.027 lbs [12.25 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male Connector Crimp/Crimp Attachment for RG59, RG62, RG71 PE4018
PE4018 REV 1.2
BNC Male Connector Crimp/Crimp
Attachment for RG59, RG62, RG71
RF Connectors Technical Data Sheet
PE4018


Similar Part No. - PE4018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4018 PASTERNACK-PE4018 Datasheet
247Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG59, RG62
More results

Similar Description - PE4018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4598 PASTERNACK-PE4598_16 Datasheet
360Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4602 PASTERNACK-PE4602_16 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Crimp Attachment
PE4016 PASTERNACK-PE4016_16 Datasheet
361Kb / 3P
BNC Male Connector Crimp/Crimp Attachment
PE4043 PASTERNACK-PE4043_14 Datasheet
444Kb / 3P
BNC Male Connector Crimp/Crimp Attachment
PE4044 PASTERNACK-PE4044_16 Datasheet
361Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4247 PASTERNACK-PE4247_17 Datasheet
370Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4298 PASTERNACK-PE4298_16 Datasheet
380Kb / 3P
BNC Male Right Angle Connector Crimp/Crimp Attachment
PE4351 PASTERNACK-PE4351_16 Datasheet
352Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4381 PASTERNACK-PE4381_16 Datasheet
353Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4382 PASTERNACK-PE4382_16 Datasheet
357Kb / 3P
BNC Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com