Electronic Components Datasheet Search
  English  ▼

X  

PE4020 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4020
Description  UHF Male Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4020 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4020 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4020 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4020 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• UHF Male Connector
• 50 Ohms
• Straight Body Geometry
• RG213, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195 Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 300 MHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4020 UHF male connector with solder attachment for RG213, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195 and LMR-195 is part of our full line of RF components available for same-day shipping. Our UHF
male connector operates up to a maximum frequency of 300 MHz and offers good VSWR of 1.3:1.
Our UHF male connector PE4020 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
300
MHz
VSWR
1.3:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.41 in [35.81 mm]
Width/Dia.
0.7 in [17.78 mm]
.
Weight
0.048 lbs [21.77 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: UHF Male Connector Solder Attachment for RG213, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195 PE4020
PE4020 REV 1.1
UHF Male Connector Solder Attachment for
RG213, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195
RF Connectors Technical Data Sheet
PE4020


Similar Part No. - PE4020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4020 PASTERNACK-PE4020 Datasheet
285Kb / 2P
UHF Male Connector Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results

Similar Description - PE4020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4295 PASTERNACK-PE4295 Datasheet
251Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG213, RG8
PE4342 PASTERNACK-PE4342 Datasheet
248Kb / 2P
Mini UHF Male Connector Crimp/Solder Attachment For RG58
PE4073 PASTERNACK-PE4073 Datasheet
207Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG59, RG62
PE4069 PASTERNACK-PE4069 Datasheet
252Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG58
PE44082 PASTERNACK-PE44082 Datasheet
261Kb / 2P
Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
PE44828 PASTERNACK-PE44828 Datasheet
259Kb / 3P
UHF Male Connector Solder Attachment For RG59, RG62, RG71
PE4069 PASTERNACK-PE4069_16 Datasheet
364Kb / 3P
UHF Male Connector Crimp/Solder Attachment
PE4073 PASTERNACK-PE4073_16 Datasheet
358Kb / 3P
UHF Male Connector Crimp/Solder Attachment
PE4295 PASTERNACK-PE4295_16 Datasheet
357Kb / 3P
UHF Male Connector Crimp/Solder Attachment
PE4342 PASTERNACK-PE4342_16 Datasheet
357Kb / 3P
Mini UHF Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com