Electronic Components Datasheet Search
  English  ▼

X  

PE4027 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4027
Description  SMA Male Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4027 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4027 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4027 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4027 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• RG55, RG58, RG141, RG142, RG223, RG303,
RG400, PE-C195, PE-P195, LMR-195 Interface Type
• Clamp/Solder Attachment
• 5/16 inch Hex
Features
• Gold Plated Brass Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4027 SMA male connector with clamp/solder attachment for RG55, RG58, RG141, RG142, RG223, RG303,
RG400, PE-C195, PE-P195 and LMR-195 is part of our full line of RF components available for same-day shipping.
Our SMA male connector PE4027 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.8 in [20.32 mm]
Width/Dia.
0.312 in [7.92 mm]
.
Weight
0.012 lbs [5.44 g]
.
Mating Torque
3 to 5 in-lbs [0.34 to 0.57 Nm]
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
Coupling Nut
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Clamp/Solder Attachment for RG55, RG58, RG141, RG142, RG223,
RG303, RG400, PE-C195, PE-P195, LMR-195 PE4027
PE4027 REV 1.1
SMA Male Connector Clamp/Solder Attachment
for RG55, RG58, RG141, RG142, RG223, RG303,
RG400, PE-C195, PE-P195, LMR-195
RF Connectors Technical Data Sheet
PE4027


Similar Part No. - PE4027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4027 PASTERNACK-PE4027 Datasheet
253Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG58, RG55, RG142, RG223, RG400
More results

Similar Description - PE4027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4085 PASTERNACK-PE4085 Datasheet
222Kb / 3P
SMA Male Connector Clamp/Solder Attachment For PE-P195
PE4214 PASTERNACK-PE4214 Datasheet
210Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG178, RG196
PE4026 PASTERNACK-PE4026_16 Datasheet
359Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4028 PASTERNACK-PE4028_16 Datasheet
371Kb / 4P
SMA Male Right Angle Connector Clamp Solder Attachment
PE4030 PASTERNACK-PE4030_16 Datasheet
317Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4085 PASTERNACK-PE4085_16 Datasheet
320Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4332 PASTERNACK-PE4332_16 Datasheet
365Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4399 PASTERNACK-PE4399_16 Datasheet
396Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4400 PASTERNACK-PE4400_16 Datasheet
357Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4411 PASTERNACK-PE4411_16 Datasheet
222Kb / 3P
SMA Female Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com