Electronic Components Datasheet Search
  English  ▼

X  

PE4030 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4030
Description  SMA Female Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4030 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4030 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4030 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4030 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• RG316, RG174, RG188, PE-B100, PE-C100, 0.100
inch, LMR-100 Interface Type
• Clamp/Solder Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4030 SMA female connector with clamp/solder attachment for RG316, RG174, RG188, PE-B100, PE-C100,
0.100 inch and LMR-100 is part of our full line of RF components available for same-day shipping.
Our SMA female connector PE4030 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.875 in [22.23 mm]
Width/Dia.
0.312 in [7.92 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Clamp/Solder Attachment for RG316, RG174, RG188, PE-B100, PE-
C100, 0.100 inch, LMR-100 PE4030
PE4030 REV 1.2
SMA Female Connector Clamp/Solder Attachment for RG316,
RG174, RG188, PE-B100, PE-C100, 0.100 inch, LMR-100
RF Connectors Technical Data Sheet
PE4030


Similar Part No. - PE4030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4030 PASTERNACK-PE4030 Datasheet
256Kb / 2P
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
More results

Similar Description - PE4030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4033 PASTERNACK-PE4033 Datasheet
224Kb / 3P
SMA Female Bulkhead Connector Clamp/Solder Attachment
PE4591 PASTERNACK-PE4591 Datasheet
218Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG178, RG196
PE4027 PASTERNACK-PE4027_16 Datasheet
359Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4031 PASTERNACK-PE4031_16 Datasheet
319Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4032 PASTERNACK-PE4032_16 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4332 PASTERNACK-PE4332_16 Datasheet
365Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4399 PASTERNACK-PE4399_16 Datasheet
396Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4400 PASTERNACK-PE4400_16 Datasheet
357Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4411 PASTERNACK-PE4411_16 Datasheet
222Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4415 PASTERNACK-PE4415_16 Datasheet
397Kb / 3P
SMA Female Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com