Electronic Components Datasheet Search
  English  ▼

X  

PE4032 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4032
Description  SMA Female Bulkhead Mount Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4032 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4032 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4032 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4032 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• RG316, RG174, RG188, PE-B100, PE-C100, 0.100
inch, LMR-100 Interface Type
• Clamp/Solder Attachment
• Bulkhead
Features
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
.
Description
Pasternack’s PE4032 SMA female bulkhead connector with clamp/solder attachment for RG316, RG174, RG188, PE-B100,
PE-C100, 0.100 inch and LMR-100 (.235 inch D hole) is part of our full line of RF components available for same-day shipping.
This SMA bulkhead connector allows designers to create external connections on their product enclosures, and can be used
in a variety of other rack mount and panel mount applications.
Our SMA female bulkhead connector PE4032 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.9 in [22.86 mm]
Width/Dia.
0.312 in [7.92 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Female Bulkhead Mount Connector Clamp/Solder Attachment for RG316, RG174,
RG188, PE-B100, PE-C100, 0.100 inch, LMR-100, .235 inch D Hole PE4032
PE4032 REV 1.1
SMA Female Bulkhead Mount Connector Clamp/Solder
Attachment for RG316, RG174, RG188, PE-B100, PE-
C100, 0.100 inch, LMR-100, .235 inch D Hole
RF Connectors Technical Data Sheet
PE4032


Similar Part No. - PE4032

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4032 PASTERNACK-PE4032 Datasheet
282Kb / 2P
SMA Female Bulkhead Connector Clamp-Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
More results

Similar Description - PE4032

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4033 PASTERNACK-PE4033 Datasheet
224Kb / 3P
SMA Female Bulkhead Connector Clamp/Solder Attachment
PE4031 PASTERNACK-PE4031_16 Datasheet
319Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4119 PASTERNACK-PE4119_17 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4152 PASTERNACK-PE4152_16 Datasheet
395Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4120 PASTERNACK-PE4120_16 Datasheet
378Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4411 PASTERNACK-PE4411_16 Datasheet
222Kb / 3P
SMA Female Connector Clamp/Solder Attachment
PE4464 PASTERNACK-PE4464_16 Datasheet
324Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4524 PASTERNACK-PE4524_16 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4529 PASTERNACK-PE4529_16 Datasheet
319Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4536 PASTERNACK-PE4536_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com