Electronic Components Datasheet Search
  English  ▼

X  

PE4037 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4037
Description  SMA Male Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4037 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4037 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4037 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4037 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG58, RG55, RG142, RG223, RG400 Interface
Type
• Solder/Solder Attachment
• 5/16 in Hex
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.28:1
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,000
.
Mechanical Specifications
Size
Length
0.906 in [23.01 mm]
Width/Dia.
0.315 in [8.00 mm]
.
Weight
0.013 lbs [5.9 g]
.
Mating Torque
5 in-lbs [0.57 Nm]
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
50µ in. minimum
Insulation
Teflon
Body
Brass
Nickel
100µ in. minimum
Coupling Nut
Brass
Nickel
100µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment for RG58, RG55, RG142, RG223, RG400 PE4037
PE4037 REV 1.3
SMA Male Connector Solder Attachment for
RG58, RG55, RG142, RG223, RG400
RF Connectors Technical Data Sheet
PE4037


Similar Part No. - PE4037

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4037 PASTERNACK-PE4037 Datasheet
88Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG55 RG58 RG142 RG223 & RG400
More results

Similar Description - PE4037

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4005 PASTERNACK-PE4005_16 Datasheet
380Kb / 3P
SMA Male Connector Solder Attachment
PE4027 PASTERNACK-PE4027_16 Datasheet
359Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4036 PASTERNACK-PE4036_17 Datasheet
467Kb / 5P
SMA Male Connector Solder Attachment
PE4112 PASTERNACK-PE4112_16 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE4215 PASTERNACK-PE4215_16 Datasheet
352Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4332 PASTERNACK-PE4332_16 Datasheet
365Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4398 PASTERNACK-PE4398_16 Datasheet
398Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4401 PASTERNACK-PE4401_16 Datasheet
353Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4402 PASTERNACK-PE4402_16 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE4525 PASTERNACK-PE4525_16 Datasheet
347Kb / 3P
SMA Male Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com