Electronic Components Datasheet Search
  English  ▼

X  

PE4042 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4042
Description  N Male Connector Crimp/Crimp Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4042 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4042 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4042 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4042 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• RG55, RG141, RG142, RG223, RG400 Interface
Type
• Crimp/Crimp Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Silver Plated Brass Contact
• Contact plating according to ASTM-B700
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4042 type N male connector with crimp/crimp attachment for RG55, RG141, RG142, RG223 and RG400 is
part of our full line of RF components available for same-day shipping. Our type N male connector operates up to a maximum
frequency of 12.4 GHz.
Our type N male connector PE4042 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
Dielectric Withstanding Voltage (AC)
700
Vrms
.
Mechanical Specifications
Size
Length
1.43 in [36.32 mm]
Width/Dia.
0.812 in [20.62 mm]
.
Weight
0.072 lbs [32.66 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: N Male Connector Crimp/Crimp Attachment for RG55, RG141, RG142, RG223,
RG400 PE4042
PE4042 REV 1.2
N Male Connector Crimp/Crimp Attachment for
RG55, RG141, RG142, RG223, RG400
RF Connectors Technical Data Sheet
PE4042


Similar Part No. - PE4042

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4042 PASTERNACK-PE4042 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE4042

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4550 PASTERNACK-PE4550_17 Datasheet
358Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4003 PASTERNACK-PE4003_16 Datasheet
361Kb / 3P
SMA Male Connector Crimp/Crimp Attachment
PE4016 PASTERNACK-PE4016_16 Datasheet
361Kb / 3P
BNC Male Connector Crimp/Crimp Attachment
PE4018 PASTERNACK-PE4018_16 Datasheet
367Kb / 3P
BNC Male Connector Crimp/Crimp Attachment
PE4043 PASTERNACK-PE4043_14 Datasheet
444Kb / 3P
BNC Male Connector Crimp/Crimp Attachment
PE4047 PASTERNACK-PE4047_16 Datasheet
354Kb / 3P
TNC Male Connector Crimp/Crimp Attachment
PE4048 PASTERNACK-PE4048_16 Datasheet
360Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4302 PASTERNACK-PE4302 Datasheet
410Kb / 3P
TNC Male Connector Crimp/Crimp Attachment
PE4344 PASTERNACK-PE4344_16 Datasheet
351Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4429 PASTERNACK-PE4429_16 Datasheet
406Kb / 3P
N Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com