Electronic Components Datasheet Search
  English  ▼

X  

MIC861 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC861
Description  Teeny Ultra Low Power Op Amp Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC861 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC861 Datasheet HTML 1Page - Micrel Semiconductor MIC861 Datasheet HTML 2Page - Micrel Semiconductor MIC861 Datasheet HTML 3Page - Micrel Semiconductor MIC861 Datasheet HTML 4Page - Micrel Semiconductor MIC861 Datasheet HTML 5Page - Micrel Semiconductor MIC861 Datasheet HTML 6Page - Micrel Semiconductor MIC861 Datasheet HTML 7Page - Micrel Semiconductor MIC861 Datasheet HTML 8Page - Micrel Semiconductor MIC861 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
July 2001
3
MIC861
MIC861
Micrel
Symbol
Parameter
Condition
Min
Typ
Max
Units
SR
Slew Rate
A
V = 1, CL = 2pF, RL = 1MΩ
0.12
V/
µs
I
SC
Short-Circuit Output Current
Source
10
24
mA
Sink
10
24
mA
I
S
Supply Current
No Load
4.6
9
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Pin 4 is ESD sensetive
Note 4.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is
likely to increase.
Note 5.
The offset voltage distribution is centered around 0V. The typical offset number shown, is equal to the standard deviation of the voltage offset
distribution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com