Electronic Components Datasheet Search
  English  ▼

X  

MIC861BC5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC861BC5
Description  Teeny Ultra Low Power Op Amp Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC861BC5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC861BC5 Datasheet HTML 1Page - Micrel Semiconductor MIC861BC5 Datasheet HTML 2Page - Micrel Semiconductor MIC861BC5 Datasheet HTML 3Page - Micrel Semiconductor MIC861BC5 Datasheet HTML 4Page - Micrel Semiconductor MIC861BC5 Datasheet HTML 5Page - Micrel Semiconductor MIC861BC5 Datasheet HTML 6Page - Micrel Semiconductor MIC861BC5 Datasheet HTML 7Page - Micrel Semiconductor MIC861BC5 Datasheet HTML 8Page - Micrel Semiconductor MIC861BC5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC861
Micrel
MIC861
2
July 2001
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
V+ – V–) ......................................... +6.0V
Differentail Input Voltage (
V
IN+ – VIN–), Note 4 ...... +6.0V
Input Voltage (V
IN+ – VIN–) .................. V+ + 0.3V, V– –0.3V
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Output Short Circuit Current Duration .................. Indefinite
Storage Temperature (T
S) ........................................ 150°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Supply Voltage (V+ – V–) ........................ +2.43V to +5.25V
Ambient Temperature Range ..................... –40
°C to +85°C
Package Thermal Resistance ............................... 450
°C/W
Electrical Characteristics
V+ = +2.7V, V– = 0V, V
CM = V+/2; RL= 500kΩ to V+/2; TA= 25°C, unless otherwise noted. Bold values indicate –40°C≤ TA≤ +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
Note 5
–10
2
10
mV
Input Offset Voltage Temp Coefficient
15
µV/°C
I
B
Input Bias Current
20
pA
I
OS
Input Offset Current
10
pA
V
CM
Input Voltage Range
CMRR > 60dB
1.8
V
CMRR
Common-Mode Rejection Ratio
0 < V
CM < 1.35V
45
77
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of 3V
50
83
dB
A
VOL
Large-Signal Voltage Gain
R
L = 100k, VOUT 2V peak to peak
60
74
dB
R
L = 500k, VOUT 2V peak to peak
73
83
dB
V
OUT
Maximum Output Voltage Swing
R
L = 500k
V+–2mV
V+–0.7mV
V
V
OUT
Minimum Output Voltage Swing
R
L = 500k
V–+0.2mV V–+ 2mV
V
GBW
Gain-Bandwidth Product
R
L = 200kΩ, CL = 2pF, VOUT = 0
350
kHz
BW
–3dB Bandwidth
A
V = 1, CL = 2pF, RL = 1MΩ
500
kHz
SR
Slew Rate
A
V = 1, CL = 2pF, RL = 1MΩ
0.12
V/
µs
I
SC
Short-Circuit Output Current
Source
6
mA
Sink
5
mA
I
S
Supply Current
No Load
4.2
9
µA
V+= +5V, V–= 0V, V
CM= V+/2; RL= 500kΩ to V+/2; TA= 25°C, unless otherwise noted. Bold values indicate –40°C≤ TA≤ +85°C.
V
OS
Input Offset Voltage
Note 5
–10
2
10
mV
Input Offset Voltage Temp Coefficient
15
µV/°C
I
B
Input Bias Current
20
pA
I
OS
Input Offset Current
10
pA
V
CM
Input Voltage Range
CMRR > 60dB
4.2
V
CMRR
Common-Mode Rejection Ratio
0 < V
CM < 3.5V
60
80
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of 1V
45
85
dB
A
VOL
Large-Signal Voltage Gain
R
L = 100k, VOUT 4.0V peak to peak
60
76
dB
R
L = 500k, VOUT 4.0V peak to peak
68
83
dB
V
OUT
Maximum Output Voltage Swing
R
L = 500k
V+–2mV
V+–0.7mV
V
V
OUT
Minimum Output Voltage Swing
R
L = 500k
V–+0.7mV V–+ 2mV
V
GBW
Gain-Bandwidth Product
R
L = 200kΩ, CL = 2pF, VOUT = 0
400
kHz
BW
–3dB Bandwidth
A
V = 1, CL = 2pF, RL = 1MΩ
650
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com