Electronic Components Datasheet Search
  English  ▼

X  

PE4044 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4044
Description  BNC Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4044 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4044 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4044 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4044 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG55, RG141, RG142, RG223, RG400 Interface
Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 4 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4044 BNC male connector with crimp/solder attachment for RG55, RG141, RG142, RG223 and RG400 is
part of our full line of RF components available for same-day shipping. Our BNC male connector operates up to a maximum
frequency of 4 GHz and offers good VSWR of 1.3:1.
Our BNC male connector PE4044 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.3:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.13 in [28.7 mm]
Width/Dia.
0.571 in [14.50 mm]
.
Weight
0.025 lbs [11.34 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BNC Male Connector Crimp/Solder Attachment for RG55, RG141, RG142, RG223,
RG400 PE4044
PE4044 REV 1.2
BNC Male Connector Crimp/Solder Attachment
for RG55, RG141, RG142, RG223, RG400
RF Connectors Technical Data Sheet
PE4044


Similar Part No. - PE4044

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4044 PASTERNACK-PE4044 Datasheet
268Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE4044

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4598 PASTERNACK-PE4598_16 Datasheet
360Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4604 PASTERNACK-PE4604_16 Datasheet
322Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4195 PASTERNACK-PE4195_16 Datasheet
377Kb / 3P
BNC Male Right Angle Connector Crimp/Solder Attachment
PE4210 PASTERNACK-PE4210_16 Datasheet
321Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4247 PASTERNACK-PE4247_17 Datasheet
370Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4351 PASTERNACK-PE4351_16 Datasheet
352Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4378 PASTERNACK-PE4378_16 Datasheet
352Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4381 PASTERNACK-PE4381_16 Datasheet
353Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4382 PASTERNACK-PE4382_16 Datasheet
357Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4393 PASTERNACK-PE4393_16 Datasheet
317Kb / 3P
BNC Male Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com