Electronic Components Datasheet Search
  English  ▼

X  

PE4049 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4049
Description  BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4049 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4049 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4049 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4049 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Turret Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 2 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
• Hermetically Sealed
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4049 BNC female bulkhead hermetically sealed connector with solder attachment turret terminal (.480 inch
D hole) is part of our full line of RF components available for same-day shipping. Our BNC female connector operates
up to a maximum frequency of 2 GHz and offers good VSWR of 1.5:1. This BNC bulkhead connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our BNC female bulkhead connector PE4049 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2
GHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.21 in [30.73 mm]
Width/Dia.
0.688 in [17.48 mm]
.
Weight
0.045 lbs [20.41 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Termi-
nal, .480 inch D Hole PE4049
PE4049 REV 1.2
BNC Female Bulkhead Mount Hermetically Sealed Connector
Solder Attachment Turret Terminal, .480 inch D Hole
RF Connectors Technical Data Sheet
PE4049


Similar Part No. - PE4049

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4049 PASTERNACK-PE4049 Datasheet
253Kb / 2P
BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .480 inch D Hole
More results

Similar Description - PE4049

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4077 PASTERNACK-PE4077 Datasheet
259Kb / 3P
BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4624 PASTERNACK-PE4624 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4049 PASTERNACK-PE4049 Datasheet
253Kb / 2P
BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .480 inch D Hole
PE4481 PASTERNACK-PE4481 Datasheet
240Kb / 2P
HN Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .765 inch DD Hole
PE44889 PASTERNACK-PE44889 Datasheet
378Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44890 PASTERNACK-PE44890 Datasheet
368Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44891 PASTERNACK-PE44891 Datasheet
379Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE4077 PASTERNACK-PE4077_16 Datasheet
352Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Spade Terminal
PE4311 PASTERNACK-PE4311_16 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4469 PASTERNACK-PE4469_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com