Electronic Components Datasheet Search
  English  ▼

X  

PE4055 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4055
Description  BNC Female Right Angle Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4055 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4055 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4055 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4055 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 3 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4055 BNC female right angle bulkhead mount connector solder attachment solder cup terminal, .361 inch D
hole is part of our full line of RF components available for same-day shipping. Our BNC female connector operates up to a
maximum frequency of 3 GHz and offers good VSWR of 1.3:1. Its right angle body geometry allows for easier connections in
tight spaces. This BNC bulkhead connector allows designers to create external connections on their product enclosures, and
can be used in a variety of other rack mount and panel mount applications.
Our BNC female right angle bulkhead connector PE4055 datasheet specifications and drawing with dimensions are shown
below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure
and customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.3:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.358 in [34.49 mm]
Width/Dia.
0.831 in [21.11 mm]
.
Weight
0.041 lbs [18.6 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Right Angle Bulkhead Mount Connector Solder Attachment Solder Cup Terminal,
.361 inch D Hole PE4055
PE4055 REV 1.1
BNC Female Right Angle Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, .361 inch D Hole
RF Connectors Technical Data Sheet
PE4055


Similar Part No. - PE4055

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4055 PASTERNACK-PE4055 Datasheet
254Kb / 2P
BNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
More results

Similar Description - PE4055

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4055 PASTERNACK-PE4055 Datasheet
254Kb / 2P
BNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
PE4549 PASTERNACK-PE4549_16 Datasheet
316Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4014 PASTERNACK-PE4014_16 Datasheet
350Kb / 3P
BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4015 PASTERNACK-PE4015_16 Datasheet
353Kb / 3P
BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4063 PASTERNACK-PE4063_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4065 PASTERNACK-PE4065_16 Datasheet
355Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4091 PASTERNACK-PE4091_16 Datasheet
355Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup Terminal
PE4101 PASTERNACK-PE4101_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4238 PASTERNACK-PE4238_16 Datasheet
348Kb / 3P
BNC Twinax Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4240 PASTERNACK-PE4240_16 Datasheet
315Kb / 3P
C Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com