Electronic Components Datasheet Search
  English  ▼

X  

PE4057 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4057
Description  BNC Female Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4057 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4057 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4057 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4057 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Connector
• 50 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Clamp/Solder Attachment
Features
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4057 BNC female connector with clamp/solder attachment for RG59, RG62 and RG71 is part of our full line
of RF components available for same-day shipping.
Our BNC female connector PE4057 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.13 in [28.7 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.035 lbs [15.88 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Connector Clamp/Solder Attachment for RG59, RG62, RG71 PE4057
PE4057 REV 1.1
BNC Female Connector Clamp/Solder
Attachment for RG59, RG62, RG71
RF Connectors Technical Data Sheet
PE4057


Similar Part No. - PE4057

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4057 PASTERNACK-PE4057 Datasheet
297Kb / 2P
BNC Female Connector Clamps/Solder Attachment For RG59 RG62
More results

Similar Description - PE4057

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4611 PASTERNACK-PE4611_16 Datasheet
333Kb / 3P
75 Ohm BNC Female Connector Clamp/ Solder Attachment
PE4612 PASTERNACK-PE4612_16 Datasheet
329Kb / 3P
75 Ohm BNC Female Connector Clamp/Solder Attachment
PE4024 PASTERNACK-PE4024_16 Datasheet
413Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4058 PASTERNACK-PE4058_17 Datasheet
415Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4084 PASTERNACK-PE4084_16 Datasheet
392Kb / 4P
BNC Male Connector Clamp/Solder Attachment
PE4204 PASTERNACK-PE4204_16 Datasheet
314Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4205 PASTERNACK-PE4205 Datasheet
105Kb / 1P
BNC FEMALE SOLDER/CLAMP ATTACHMENT
PE4212 PASTERNACK-PE4212_16 Datasheet
403Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4321 PASTERNACK-PE4321 Datasheet
117Kb / 1P
BNC FEMALE CLAMP ATTACHMENT
PE4391 PASTERNACK-PE4391_14 Datasheet
291Kb / 2P
BNC Female Bulkhead Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com