Electronic Components Datasheet Search
  English  ▼

X  

PE4058 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4058
Description  BNC Female Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4058 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4058 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4058 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4058 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Connector
• 50 Ohms
• Straight Body Geometry
• RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 4 GHz
• Good VSWR of 1.4:1
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4058 BNC female connector with clamp/solder attachment for RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195 and LMR-195 is part of our full line of RF components available for same-day shipping. Our BNC
female connector operates up to a maximum frequency of 4 GHz and offers good VSWR of 1.4:1.
Our BNC female connector PE4058 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.4:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.13 in [28.7 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.04 lbs [18.14 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Connector Clamp/Solder Attachment for RG58, RG55, RG141, RG142, RG223,
RG400, RG303, PE-C195, PE-P195, LMR-195 PE4058
PE4058 REV 1.2
BNC Female Connector Clamp/Solder Attachment
for RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195
RF Connectors Technical Data Sheet
PE4058


Similar Part No. - PE4058

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4058 PASTERNACK-PE4058 Datasheet
299Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE4058

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4611 PASTERNACK-PE4611_16 Datasheet
333Kb / 3P
75 Ohm BNC Female Connector Clamp/ Solder Attachment
PE4612 PASTERNACK-PE4612_16 Datasheet
329Kb / 3P
75 Ohm BNC Female Connector Clamp/Solder Attachment
PE4024 PASTERNACK-PE4024_16 Datasheet
413Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4057 PASTERNACK-PE4057_16 Datasheet
408Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4084 PASTERNACK-PE4084_16 Datasheet
392Kb / 4P
BNC Male Connector Clamp/Solder Attachment
PE4204 PASTERNACK-PE4204_16 Datasheet
314Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4205 PASTERNACK-PE4205 Datasheet
105Kb / 1P
BNC FEMALE SOLDER/CLAMP ATTACHMENT
PE4212 PASTERNACK-PE4212_16 Datasheet
403Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4321 PASTERNACK-PE4321 Datasheet
117Kb / 1P
BNC FEMALE CLAMP ATTACHMENT
PE4391 PASTERNACK-PE4391_14 Datasheet
291Kb / 2P
BNC Female Bulkhead Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com