Electronic Components Datasheet Search
  English  ▼

X  

PE4064 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4064
Description  TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4064 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4064 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4064 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4064 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Mechanical Specifications
Size
Length
1.06 in [26.92 mm]
Width/Dia.
0.69 in [17.53 mm]
Height
0.69 in [17.53 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .500 inch Threaded Hole Spacing from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .500 inch
Threaded Hole Spacing PE4064
URL: https://www.pasternack.com/tnc-female-standard-solder-cup-terminal-connector-pe4064-p.aspx
PE4064 REV 1.1
RF Connectors Technical Data Sheet
PE4064
TNC Female Connector Solder Attachment 4 Hole Flange
Mount Solder Cup Terminal, .500 inch Threaded Hole Spacing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com