Electronic Components Datasheet Search
  English  ▼

X  

SC8260S Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # SC8260S
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SC8260S Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

  SC8260S Datasheet HTML 1Page - SamHop Microelectronics Corp. SC8260S Datasheet HTML 2Page - SamHop Microelectronics Corp. SC8260S Datasheet HTML 3Page - SamHop Microelectronics Corp. SC8260S Datasheet HTML 4Page - SamHop Microelectronics Corp. SC8260S Datasheet HTML 5Page - SamHop Microelectronics Corp. SC8260S Datasheet HTML 6Page - SamHop Microelectronics Corp. SC8260S Datasheet HTML 7Page - SamHop Microelectronics Corp. SC8260S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SC8260S
Ver 1.0
www.samhop.com.tw
Dec,06,2016
7
0.01
0.1
100
10
1
1.5
1.0
0.5
0
VF(S-S) - Source to Source Voltage - V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0
-50
8
32
24
16
150
100
50
0
Tch - Channel Temperature -
°C
SOURCE TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
IS = 3.0 A
40
VGS = 2.5 V
3.1 V
4.0 V
4.5 V
3.0
2.5
2.0
VGS = 0 V
10
0.1
100
1000
10
1
IS - Source Current - A
SWITCHING CHARACTERISTICS
VDD = 20.0 V
VGS = 4.0 V
RG = 6
Ω
td(on)
tr
td(off)
tf
QG - Gate Charge -nC
DYNAMIC INPUT CHARACTERISTICS
0
0
4
3
2
16
12
8
4
1
VDD = 5 V
12 V
20 V
IS = 6.0 A
20
3.8 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com