Electronic Components Datasheet Search
  English  ▼

X  

SC8611S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SC8611S
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SC8611S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SC8611S Datasheet HTML 1Page - SamHop Microelectronics Corp. SC8611S Datasheet HTML 2Page - SamHop Microelectronics Corp. SC8611S Datasheet HTML 3Page - SamHop Microelectronics Corp. SC8611S Datasheet HTML 4Page - SamHop Microelectronics Corp. SC8611S Datasheet HTML 5Page - SamHop Microelectronics Corp. SC8611S Datasheet HTML 6Page - SamHop Microelectronics Corp. SC8611S Datasheet HTML 7Page - SamHop Microelectronics Corp. SC8611S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
PRODUCT SUMMARY
VSSS
IS
RSS(ON) (m
Ω) Typ
12V
11A
2.4 @ VGS=4.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Wafer level CSP.
Dual N-Channel Enhancement Mode Field Effect Transistor
Ver 2.0
www.samhop.com.tw
Mar,16,2017
1
Details are subject to change without notice.
SC8611S
Green
Product
ESD Protected.
2.5 @ VGS=4.0V
1.77
Unit : mm
0.10
0.01
Symbol
VSSS
VGSS
ISP
A
PT
°C
-55 to 150
IS
Units
Parameter
12
11
110
V
V
±8
Gate-Source Voltage
Source-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
Limit
Source Current-Continuous
-Pulsed
c
A
Total Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
W
2.5
a c
WLCSP
1
2
3
4
6
5
PIN 1 : Source 1
PIN 2 : Gate 1
PIN 3 : Source 1
PIN 4 : Source 2
PIN 5: Gate 2
PIN 6 : Source 2
BOTTOM VIEW
TOP VIEW
LAND PATTERN (REFERENCE)
2.6 @ VGS=3.8V
3.3 @ VGS=3.1V
4.0 @ VGS=2.5V
1-pin index mark S1
Mark area
1
2
3
4
6
5
0.5
0.25
0.25
0.03
φ 0.25
0.03
2x
4x
0.25
2X
R0.125
8X
PIN 1,3
PIN 4,6
PIN 2
PIN 5


Similar Part No. - SC8611S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SC8611 SAMHOP-SC8611 Datasheet
100Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
celduc-relais
SC861110 CELDUC-SC861110 Datasheet
97Kb / 2P
Power Solid State Relay
More results

Similar Description - SC8611S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com