Electronic Components Datasheet Search
  English  ▼

X  

LED1050G-33 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED1050G-33
Description  Infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED1050G-33 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED1050G-33 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED1050G-33 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED1050G-33 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED1050G-33 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
LED1050G-33
v 1.0 12.01.2016
Description
LED1050G-33 contains a GaAs LED mounted on a lead frame hermetically sealed with a clear epoxy
lens.
On forward bias, it emits a power radiation of typical 17 mW at a peak wavelength at 1050 nm.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
140
mW
Forward Current
IF
100
mA
Pulse Forward Current *
1
IFP
1000
mA
Reverse Voltage
VF
5
V
Thermal Resistance
RTHJA
250
K/W
Junction Temperature
TJ
100
°C
Operating Temperature
TCASE
- 40
+ 85
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 265
°C
*
1 duty=1%, pulse width = 10 µs
*
2 must be completed within 3 seconds
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by G8370-85
*
2 measured by Ando Optical multi meter AQ2140 & AQ2742
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=50mA
1050
nm
Half Width
∆λ
IF=50mA
33
nm
Forward Voltage
VF
IF=50mA
1.2
1.4
V
Radiated Power *
1
PO
IF=50mA
17
mW
Radiant Intensity *
2
IE
IF=50mA
40
mW/sr
Viewing Angle
φ
IF=50mA
42
deg.
Rise Time
tR
IF=50mA
40
ns
Fall Time
tF
IF=50mA
30
ns


Similar Part No. - LED1050G-33

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED1050 ROITHNER-LED1050 Datasheet
1Mb / 8P
Infrared LED
LED1050-35XXX ROITHNER-LED1050-35XXX Datasheet
146Kb / 2P
High Power InGaAsP NIR LED
LED1050-66-60 ROITHNER-LED1050-66-60 Datasheet
118Kb / 1P
LED1050-66-60
More results

Similar Description - LED1050G-33

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
INFRARED LED?
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
Infrared LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com