Electronic Components Datasheet Search
  English  ▼

X  

CY2V995AC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2V995AC
Description  S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2V995AC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2V995AC Datasheet HTML 1Page - Cypress Semiconductor CY2V995AC Datasheet HTML 2Page - Cypress Semiconductor CY2V995AC Datasheet HTML 3Page - Cypress Semiconductor CY2V995AC Datasheet HTML 4Page - Cypress Semiconductor CY2V995AC Datasheet HTML 5Page - Cypress Semiconductor CY2V995AC Datasheet HTML 6Page - Cypress Semiconductor CY2V995AC Datasheet HTML 7Page - Cypress Semiconductor CY2V995AC Datasheet HTML 8Page - Cypress Semiconductor CY2V995AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY2V995
Document #: 38-07435 Rev. *A
Page 4 of 10
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Operating Voltage
Functional @ 2.5V ± 5%
2.25
2.75
V
VDD
Operating Voltage
Functional @ 3.3V ± 10%
2.97
3.63
V
VIN(MIN)
Input Voltage
Relative to VSS
VSS – 0.3
–
V
VIN(MAX)
Input Voltage
Relative to VDD
–
VDD + 0.3
V
VREF(MAX)
Reference Input Voltage
VDD = 3.3V
5.5
V
VREF(MAX)
Reference Input Voltage
VDD = 2.5V
4.6
V
TS
Temperature, Storage
Non Functional
–65
+150
°C
TA
Temperature, Operating Ambient
Functional
–40
+85
°C
TJ
Temperature, Junction
Functional
–
155
°C
ESDHBM
ESD Protection (Human Body Model)
MIL-STD-883, Method 3015
2000
–
V
ØJC
Dissipation, Junction to Case
Mil-Spec 883E Method 1012.1
42
°C/W
ØJA
Dissipation, Junction to Ambient
JEDEC (JESD 51)
74
°C/W
UL-94
Flammability Rating
@1/8 in.
V – 0
MSL
Moisture Sensitivity Level
1
FIT
Failure in Time
Manufacturing Testing
10
ppm
DC Specifications @ 2.5V
Parameter
Description
Conditions
Min.
Max.
Unit
VDD
2.5 Operating Voltage
2.5V ± 5%
2.375
2.625
V
VIL
Input LOW Voltage
REF, FB, PE, PD#, and sOE# Inputs
–
0.7
V
VIH
Input HIGH Voltage
1.7
–
V
VIHH[9]
Input HIGH Voltage
3-Level Inputs
(TEST, FS, nF[1:0], DS[1:0])
(These pins are normally wired to VDD,GND or uncon-
nected)
VDD–
–0.4
–V
VIMM[9]
Input MID Voltage
VDD/2–
0.2
VDD/2 +
0.2
V
VILL[9]
Input LOW Voltage
–
0.4
V
IIL
Input Leakage Current
VIN = VDD/GND,VDD = Max
(REF and FB inputs)
–5
5
µA
I3
3-Level Input DC Current
HIGH, VIN = VDD
3-Level Inputs
(TEST, FS,
nF[1:0], DS[1:0])
–200
µA
MID, VIN = VDD/2
–50
50
µA
LOW, VIN = VSS
–200
–
µA
IPU
Input Pull-up Current
VIN = VSS, VDD = Max
–25
–
µA
IPD
Input Pull-down Current
VIN = VDD, VDD = Max, (sOE#)
–
100
µA
VOL
Output LOW Voltage
IOL = 12mA, (nQ[0:1])
–
0.4
V
IOL = 2mA (LOCK)
0.4
VOH
Output HIGH Voltage
IOH = –12mA,(nQ[0:1])
2.0
–
V
IOH = –2mA (LOCK)
2.0
V
IDDQ
Quiescent Supply Current
VDD = Max, TEST = MID, REF = LOW, sOE# = LOW,
Outputs not loaded
–2
mA
IDDPD
Power-down Current
PD#, sOE# = LOW
Test,nF[1:0],DS[1:0] = HIGH VDD = Max
10(typ.)
25
µA
IDD
Dynamic Supply Current
@100 MHz
150
mA
CIN
Input Pin Capacitance
4
pF
Note:
9.
These Inputs are normally wired to VDD, GND or unconnected. Internal termination resistors bias unconnected inputs to VDD/2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com