Electronic Components Datasheet Search
  English  ▼

X  

PE35421 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35421
Description  SMA Male Right Angle to SMA Female Bulkhead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35421 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35421 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35421 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35421 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male Right Angle to SMA Female Bulkhead Precision Cable Using 150 Series Coax, RoHS
Configuration
Connector 1
SMA Male Right Angle
Connector 2
SMA Female Bulkhead
Cable Type
150 Series
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,900
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Mechanical Specifications
Cable Assembly
Cable Type
150 Series
Temperature
Temperature Operating Range, deg C
-50 to +205
.
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.15 [3.81]
Connector 1
Type
SMA Male Right Angle
Configuration
Right Angle
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to SMA Female Bulkhead Precision Cable Using 150 Series Coax,
RoHS PE35421
PE35421 REV
PE35421
SMA Male Right Angle to SMA Female Bulkhead
Precision Cable Using 150 Series Coax, RoHS


Similar Part No. - PE35421

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35421-12 PASTERNACK-PE35421-12 Datasheet
329Kb / 3P
SMA Male Right Angle to SMA Female Bulkhead Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
PE35421-18 PASTERNACK-PE35421-18 Datasheet
329Kb / 3P
SMA Male Right Angle to SMA Female Bulkhead Precision Cable 18 Inch Length Using 150 Series Coax, RoHS
PE35421-24 PASTERNACK-PE35421-24 Datasheet
329Kb / 3P
SMA Male Right Angle to SMA Female Bulkhead Precision Cable 24 Inch Length Using 150 Series Coax, RoHS
PE35421-30 PASTERNACK-PE35421-30 Datasheet
329Kb / 3P
SMA Male Right Angle to SMA Female Bulkhead Precision Cable 30 Inch Length Using 150 Series Coax, RoHS
PE35421-36 PASTERNACK-PE35421-36 Datasheet
329Kb / 3P
SMA Male Right Angle to SMA Female Bulkhead Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
More results

Similar Description - PE35421

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34179 PASTERNACK-PE34179 Datasheet
291Kb / 1P
CABLE ASSEMBLY RG188-DS SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD
PE3759 PASTERNACK-PE3759 Datasheet
290Kb / 1P
CABLE ASSEMBLY RG142B/U SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD
PE3800 PASTERNACK-PE3800 Datasheet
139Kb / 1P
CABLE ASSEMBLY RG223/U SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
PE3835 PASTERNACK-PE3835_15 Datasheet
655Kb / 4P
SMA Male to SMA Female Bulkhead Cable
PE3835LF PASTERNACK-PE3835LF Datasheet
661Kb / 4P
SMA Male to SMA Female Bulkhead Cable
PE3825 PASTERNACK-PE3825 Datasheet
371Kb / 4P
SMA Male to SMA Female Bulkhead Cable
PE3836LF PASTERNACK-PE3836LF_15 Datasheet
665Kb / 4P
SMA Male Right Angle to SMA Female Bulkhead Cable
PE3956 PASTERNACK-PE3956_17 Datasheet
378Kb / 4P
SMA Male to SMA Female Bulkhead Cable
PE35475 PASTERNACK-PE35475 Datasheet
231Kb / 3P
SMA Male to SMA Female Bulkhead Precision
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com