Electronic Components Datasheet Search
  English  ▼

X  

PE349 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE349
Description  TNC Male to N Male Low Loss Cable Using PE-P142LL Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE349 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE349 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE349 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE349 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE349 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Frequency 4
Frequency
3 GHz
Insertion Loss
0.127 dB/ft [0.42 dB/m]
Power Handling
400 Watts
Frequency 5
Frequency
5 GHz
Insertion Loss
0.166 dB/ft [0.54 dB/m]
Power Handling
300 Watts
Frequency 6
Frequency
10 GHz
Insertion Loss
0.24 dB/ft [0.79 dB/m]
Power Handling
220 Watts
Frequency 7
Frequency
18 GHz
Insertion Loss
0.33 dB/ft [1.08 dB/m]
Power Handling
160 Watts
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +125 deg C
Size
Diameter
0.822 in [20.88 mm]
.
Weight
0.252 lbs [114.31 g]
Repeated Minimum Bend Radius
1 in [25.4 mm]
Cable
Cable Type
PE-P142LL
Inner Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
No of Shields
3
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter
0.195 in [4.95 mm]
Connector 1
Type
TNC Male
Connector 1 Specification
MIL-STD-348, Figure 313-3
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488, 50µ In. Minimum
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
PE349 REV 1.0
PE349
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male to N Male Low Loss Cable Using PE-P142LL Coax, RoHS PE349
TNC Male to N Male Low Loss Cable
Using PE-P142LL Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com