Electronic Components Datasheet Search
  English  ▼

X  

FEP6XT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FEP6XT
Description  Dual Common Cathode Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FEP6XT Datasheet(HTML) 1 Page - Vishay Siliconix

  FEP6XT Datasheet HTML 1Page - Vishay Siliconix FEP6XT Datasheet HTML 2Page - Vishay Siliconix FEP6XT Datasheet HTML 3Page - Vishay Siliconix FEP6XT Datasheet HTML 4Page - Vishay Siliconix FEP6XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEP6xT, FEPF6xT, FEPB6xT
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
1
Document Number: 88598
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Common Cathode Ultrafast Rectifier
FEATURES
• Power pack
• Glass passivated pellet chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low leakage current
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 245 °C (for TO-263AB package)
• Solder dip 275 °C max. 10 s, per JESD 22-B106
(for TO-220AB and ITO-220AB package)
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power supplies, inverters, freewheeling diodes, DC/DC
converters, and other power switching application.
MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-263AB
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)
6.0 A
VRRM
50 V to 200 V
IFSM
75 A
trr
35 ns
VF
0.975 V
TJ max.
150 °C
Package
TO-220AB, ITO-220AB,
TO-263AB
Diode variations
Common cathode
CASE
PIN 2
PIN 1
PIN 3
TO-220AB
FEP6xT Series
ITO-220AB
FEPB6xT Series
PIN 1
PIN 2
K
HEATSINK
1
2
3
FEPF6xT Series
PIN 2
PIN 1
PIN 3
TO-263AB
1
2
3
1
2
K
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FEP6AT
FEP6BT
FEP6CT
FEP6DT
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward rectified current at TC = 105 °C
IF(AV)
6.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
75
A
Operating storage and temperature range
TJ, TSTG
-55 to +150
°C
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - FEP6XT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FEP6 GE-FEP6 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP6AT GE-FEP6AT Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FEP6AT VISHAY-FEP6AT Datasheet
154Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
07-Nov-07
logo
General Semiconductor
FEP6BT GE-FEP6BT Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FEP6BT VISHAY-FEP6BT Datasheet
154Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
07-Nov-07
More results

Similar Description - FEP6XT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYQ28E-100 VISHAY-BYQ28E-100 Datasheet
158Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
U10BCT VISHAY-U10BCT Datasheet
158Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
13-May-08
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-May-08
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
BYV32-50HE3 VISHAY-BYV32-50HE3 Datasheet
139Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
02-Sep-13
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Feb-16
U10XCT-E3 VISHAY-U10XCT-E3 Datasheet
148Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Oct-13
BYV32-XXX VISHAY-BYV32-XXX_V01 Datasheet
152Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-Jun-2019
logo
KODENSHI_AUK CORP.
SF20D400SD2 KODENSHI-SF20D400SD2 Datasheet
215Kb / 5P
Ultrafast Dual Common-Cathode Rectifier
20-APR-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com