Electronic Components Datasheet Search
  English  ▼

X  

M54523P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M54523P
Description  7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54523P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M54523P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54523P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54523P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54523P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Jan.2000
Unit :
Ω
The seven circuits share the COM and GND
The diode, indicated with the dotted line, is parasitic, and
cannot be used.
INPUT
OUTPUT
GND
2.7k
3k
5k
COM
IN7
→
→O7
7
10
IN5
→
→O5
5
12
INPUT
OUTPUT
IN4
→
→O4
4
13
IN3
→
→O3
3
14
IN2
→
→O2
2
15
1
IN1
→
→O1
16
GND
9
8
IN6→
→O6
6
11
→COM COMMON
16P2N-A(FP)
16P4(P)
Package type
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54523P/FP
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
DESCRIPTION
M54523P and M54523FP are seven-circuit Darlington tran-
sistor arrays with clamping diodes. The circuits are made of
NPN transistors. Both the semiconductor integrated circuits
perform high-current driving with extremely low input-current
supply.
FEATURES
q
High breakdown voltage (BVCEO
≥ 50V)
q
High-current driving (IC(max) = 500mA)
q With clamping diodes
q
Driving available with PMOS IC ouput
q Wide operating temperature range (Ta = –20 to +75
°C)
APPLICATION
Drives of relays and printers, digit drives of indication ele-
ments (LEDs and lamps), and interfaces between standard
MOS-bipolar logic IC
FUNCTION
The M54523P and M54523FP each have seven circuits con-
sisting of NPN Darlington transistors. These ICs have resis-
tance of 2.7k
Ω between input transistor bases and input
pins. A spike-killer clamping diode is provided between each
output pin (collector) and COM pin. The output transistor
emitters are all connected to the GND pin (pin 8). The col-
lector current is 500mA maximum. Collector-emitter supply
voltage is 50V maximum.The M54523FP is enclosed in a
molded small flat package, enabling space-saving design.
CIRCUIT DIAGRAM
Collector-emitter voltage
Collector current
Input voltage
Clamping diode forward current
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
V
mA
V
mA
V
W
°C
°C
–0.5 ~ +50
500
–0.5 ~ +30
500
50
1.47(P)/1.00(FP)
–20 ~ +75
–55 ~ +125
Ratings
Symbol
Parameter
Conditions
Unit
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75
°C)
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
VCEO
IC
VI
IF
VR
Pd
Topr
Tstg


Similar Part No. - M54523P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54521P MITSUBISHI-M54521P Datasheet
98Kb / 3P
5-UNIT 500MA DARLINGTON TRANSISTOR ARRAY
M54522FP MITSUBISHI-M54522FP Datasheet
112Kb / 4P
8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522FP MITSUBISHI-M54522FP Datasheet
250Kb / 6P
8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SINK TYPE
M54522FP MITSUBISHI-M54522FP Datasheet
120Kb / 4P
8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522P MITSUBISHI-M54522P Datasheet
112Kb / 4P
8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M54523P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54525P MITSUBISHI-M54525P Datasheet
450Kb / 3P
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54526P MITSUBISHI-M54526P Datasheet
82Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54524P MITSUBISHI-M54524P Datasheet
108Kb / 3P
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63826P MITSUBISHI-M63826P Datasheet
76Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54525AGP MITSUBISHI-M54525AGP Datasheet
65Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63824GP MITSUBISHI-M63824GP Datasheet
43Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63827WP MITSUBISHI-M63827WP Datasheet
72Kb / 6P
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63828WP MITSUBISHI-M63828WP Datasheet
72Kb / 6P
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com