Electronic Components Datasheet Search
  English  ▼

X  

DS1087L Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1087L
Description  3.3V Spread-Spectrum EconOscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1087L Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1087L Datasheet HTML 3Page - Dallas Semiconductor DS1087L Datasheet HTML 4Page - Dallas Semiconductor DS1087L Datasheet HTML 5Page - Dallas Semiconductor DS1087L Datasheet HTML 6Page - Dallas Semiconductor DS1087L Datasheet HTML 7Page - Dallas Semiconductor DS1087L Datasheet HTML 8Page - Dallas Semiconductor DS1087L Datasheet HTML 9Page - Dallas Semiconductor DS1087L Datasheet HTML 10Page - Dallas Semiconductor DS1087L Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3.3V Spread-Spectrum EconOscillator
_____________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
OUT
Oscillator Output
2
SPRD
Dither Enable. When the pin is high, the dither is enabled. When the pin is low, the dither is disabled.
3VCC
Power Supply
4
GND
Ground
5OE
Output Enable. When the pin is high, the output buffer is enabled. When the pin is low, the output is
disabled but the internal master oscillator is still on.
6
PDN
Power-Down. When the pin is high, the master oscillator is enabled. When the pin is low, the master
oscillator is disabled (power-down mode).
7
SDA
2-Wire Serial Data. This pin is for serial data transfer to and from the device.
8
SCL
2-Wire Serial Clock. This pin is used to clock data into and out of the device.
Figure 1. Functional Diagram
SDA
SCL
2-WIRE
INTERFACE
VCC
EEPROM CONTROL
REGISTERS
PRESCALER
ADDR
SPRD
PDN
OUT
OE
TRIANGLE WAVE
GENERATOR
FACTORY-PROGRAMMED
OSCILLATOR
PRESCALER
BY 1, 2, 4...256
GND
MASTER
OSCILLATOR
OUTPUT
DITHER SIGNAL
DITHER
CONTROL
DS1087L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com