Electronic Components Datasheet Search
  English  ▼

X  

PE309 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE309
Description  TECHNICAL DATA SHEET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE309 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE309 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE309 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE309 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE309 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to TNC Male Right Angle Precision Cable Using 160 Series Coax, RoHS
Configuration
Connector 1
SMA Male
Connector 2
TNC Male Right Angle
Cable Type
160 Series
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,200
Typical Performance by Frequency
Frequency 1
Frequency, GHz
2
VSWR
1.08:1
Insertion Loss
0.24 dB/ft [ 0.79 dB/m ]
Frequency 2
Frequency, GHz
6
VSWR
1.16:1
Insertion Loss
0.32 dB/ft [ 1.05 dB/m ]
Frequency 3
Frequency, GHz
10
VSWR
1.22:1
Insertion Loss
0.4 dB/ft [ 1.31 dB/m ]
Frequency 4
Frequency, GHz
14
VSWR
1.28:1
Insertion Loss
0.5 dB/ft [ 1.64 dB/m ]
Frequency 5
Frequency, GHz
16
VSWR
1.31:1
Insertion Loss
0.55 dB/ft [ 1.8 dB/m ]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to TNC Male Right Angle Precision Cable Using 160 Series Coax, RoHS PE309
PE309 REV
PE309
SMA Male to TNC Male Right Angle Precision
Cable Using 160 Series Coax, RoHS


Similar Part No. - PE309

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE309-12 PASTERNACK-PE309-12 Datasheet
239Kb / 4P
SMA Male to TNC Male Right Angle Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE309-120 PASTERNACK-PE309-120 Datasheet
225Kb / 3P
TECHNICAL DATA SHEET
PE309-24 PASTERNACK-PE309-24 Datasheet
226Kb / 3P
SMA Male to TNC Male Right Angle Precision Cable 24 Inch Length Using 160 Series Coax
PE309-36 PASTERNACK-PE309-36 Datasheet
236Kb / 4P
SMA Male to TNC Male Right Angle Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE309-48 PASTERNACK-PE309-48 Datasheet
226Kb / 3P
SMA Male to TNC Male Right Angle Precision Cable 48 Inch Length Using 160 Series Coax
More results

Similar Description - PE309

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com