Electronic Components Datasheet Search
  English  ▼

X  

DS8669 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8669
Description  2-Digit BCD to 7-Segment Decoder/Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8669 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8669 Datasheet HTML 1Page - National Semiconductor (TI) DS8669 Datasheet HTML 2Page - National Semiconductor (TI) DS8669 Datasheet HTML 3Page - National Semiconductor (TI) DS8669 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Current
20 mA
Output Voltage
12V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Molded Package
2005 mW
Lead Temperature (Soldering 10 seconds)
300 C
Derate molded package 1604 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
45
60
V
Temperature (TA)0
a
70
C
Electrical Characteristics VCC e 525V (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical ‘‘1’’ Input Voltage
VCC e Min
20
VCC a 06
V
VIL
Logical ‘‘0’’ Input Voltage
VCC e Min
b
03
08
V
IO
Logical ‘‘1’’ Output
VCC e Max
50
m
A
Leakage Current
VOUT e 10V
VOL
Logical ‘‘0’’ Output Voltage
IOL e 25 mA
04
08
V
VCC e Min
IIH
Logical ‘‘1’’ Input Current
VIN e VCC e Max
20
10
m
A
IIL
Logical ‘‘0’’ Input Current
VIN e 0V
b
01
b
10
m
A
VCC e Max
ICC
Supply Current
All Outputs Low
16
25
mA
VCC e Max
VIC
Input Clamp Voltage
IIN e 10 mA
VCC a 15V
V
IIN eb10 mA
b
15V
V
tpd0
Propagation Delay to a Logical ‘‘0’’
RL e 400X
10
m
s
from Any Input to Any Output
CL e 50 pF
tpd1
Propagation Delay to a Logical ‘‘1’’
TA e 25 C
10
m
s
from Any Input to Any Output
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto a70 C range for the DS8669 All typicals are given for VCC e 525V and TA e 25 C
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com